Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LE80CVEG Datasheet(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE80CVEG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE80CVEG Datasheet(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE80CVEG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CVEG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE80C
67
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-10-12
1.1
Modify the description of WSON8 and USON8 packages
Modify tBP1 from 15-30us to 25-50us
P55-58
P47
2017-12-1
1.2
Delete E7H command
Modify tVSL min value from 5ms to 1.8ms
Modify Icc2 max value from 5uA to 8uA
Add tRS, of which the max value is 100us
Add WLCSP Package
---
P43
P45
P46
P59
2018-4-9
1.3
Add 4BH command
Modify the sequence diagram of 42H command
Add DC parameters @-40℃~105℃ & @-40℃~125℃
Add AC parameters @-40℃~105℃ & @-40℃~125℃
P35
P37
P47, 51, 52
P48, 53, 54
2018-10-23
1.4
Add tCLQV@15pF, of which the max value is 6ns
P49, 51, 53
2019-3-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com