Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LB64CSIS Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB64CSIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
7
3. MEMORY ORGANIZATION
GD25LB64C
Each device has
Each block has
Each sector has
Each page has
8M
64/32K
4K
256
bytes
32K
256/128
16
-
pages
2048
16/8
-
-
sectors
128/256
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LB64C 64K Bytes Block Sector Architecture
Block
Sector
Address range
127
2047
7FF000H
7FFFFFH
……
……
……
2032
7F0000H
7F0FFFH
126
2031
7EF000H
7EFFFFH
……
……
……
2016
7E0000H
7E0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com