Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPN-RK Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LPN-RK
Description  LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPN-RK Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LPN-RK Datasheet HTML 1Page - Eaton All Rights Reserved. LPN-RK Datasheet HTML 2Page - Eaton All Rights Reserved. LPN-RK Datasheet HTML 3Page - Eaton All Rights Reserved. LPN-RK Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1004
Effective August 2018
Supersedes March 2017
LPN-RK — 250 Vac/dc, 70-600 A,
dual element, time-delay fuses
Catalog symbols:
LPN-RK-(amp)SP (non-indicating)
LPN-RK-(amp)SPI (indicating)
Description:
Ultimate protection Class RK1 dual element,
current-limiting, time-delay fuses available with
optional open fuse indication.
Specifications:
Ratings
Volts 250Vac/dc*
Amps 70-600 A
IR
300kA Vac RMS Sym.
100kA Vdc
* Indicating versions not Vdc rated.
Agency information
UL Listed, Guide JDDZ, File E4273
CSA Certified, Class 1422-02, File 53787,
Class RK1 per CSA C22.2 No. 248.12
CE
Catalog no.*
LPN-RK-70SP
LPN-RK-150SP
LPN-RK-350SP
LPN-RK-80SP
LPN-RK-175SP
LPN-RK-400SP
LPN-RK-90SP
LPN-RK-200SP
LPN-RK-450SP
LPN-RK-100SP
LPN-RK-225SP
LPN-RK-500SP
LPN-RK-110SP
LPN-RK-250SP
LPN-RK-600SP
LPN-RK-125SP
LPN-RK-300SP
* Open fuse indication available on all part numbers by
inserting the suffix “I,” e.g., LPN-RK-90SPI. Requires 75Vac
minimum voltage. Indicating fuses are not Vdc rated.
Carton quantity
70–100 A: 5
110–600 A: 1
Typical applications
Feeder and branch circuits
Transformers
Motors
Solenoids
General purpose circuits
Features and benefits
Industry’s only UL Listed and CSA Certified fuse
with a 300 kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
Time-delay permits 130% FLA sizing for back-up
motor protection.
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
Protects against single-phase motor damage.
Proper sizing can provide “no damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.


Similar Part No. - LPN-RK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPN-RK-1/10SP ETC1-LPN-RK-1/10SP Datasheet
704Kb / 4P
dual element, time-delay fuses
LPN-RK-1/2SP ETC1-LPN-RK-1/2SP Datasheet
704Kb / 4P
dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPN-RK-100SP COOPER-LPN-RK-100SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
LPN-RK-100SPI COOPER-LPN-RK-100SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
logo
List of Unclassifed Man...
LPN-RK-11/4SP ETC1-LPN-RK-11/4SP Datasheet
704Kb / 4P
dual element, time-delay fuses
More results

Similar Description - LPN-RK

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
dual element, time-delay fuses
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK_V01 Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
August 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com