Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRN-R-80 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FRN-R-80
Description  Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRN-R-80 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FRN-R-80 Datasheet HTML 1Page - Eaton All Rights Reserved. FRN-R-80 Datasheet HTML 2Page - Eaton All Rights Reserved. FRN-R-80 Datasheet HTML 3Page - Eaton All Rights Reserved. FRN-R-80 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data1010
Effective February 2016
Supersedes July 2013
Fusetron™ FRN-R Class RK5 250Vac, 125/250Vdc
70-600A, dual element, time-delay fuses
Catalog symbols:
FRN-R-_
Description:
Eaton Bussmann® series advanced protection,
energy efficient FRN-R Class RK5 dual element,
current-limiting, time-delay fuses. Time-delay – 10
seconds (minimum) at 500% of rated current.
Specifications:
Ratings
Volts
250Vac
125Vdc (110-200A)
250Vdc (225-600A)
Amps 70-600A
Interrupting rating
200kA Vac RMS Sym.
20kA Vdc
Agency information
UL Listed, Std. 248-12, Class RK5,
Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.12,
Class 1422-02, File 53787
CE
Catalog numbers (amps)
FRN-R-70
FRN-R-125
FRN-R-350
FRN-R-75
FRN-R-150
FRN-R-400
FRN-R-80
FRN-R-175
FRN-R-450
FRN-R-85
FRN-R-200
FRN-R-500
FRN-R-90
FRN-R-225
FRN-R-600
FRN-R-100
FRN-R-250
FRN-R-110
FRN-R-300
Carton Quantity:
Amp rating
Carton qty.
70 – 100
5
110 – 600
1
Features:
Provides motor overload, ground fault and
short-circuit protection
Helps protect motors against burnout from
overloads and single-phasing when sized
properly
Simplifies and improves blackout prevention
(selective coordination)
Dual-element fuses can be applied in circuits
subject to temporary motor overloads and surge
currents to provide both high performance
short-circuit and overload protection
The overload element provides protection
against low level overcurrent of overloads and
will hold on inrush current which is five times
greater than the amp rating of the fuse for a
minimum of ten seconds


Similar Part No. - FRN-R-80

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-80 COOPER-FRN-R-80 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - FRN-R-80

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com