Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRN-R-2/10 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FRN-R-2/10
Description  Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRN-R-2/10 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FRN-R-2/10 Datasheet HTML 1Page - Eaton All Rights Reserved. FRN-R-2/10 Datasheet HTML 2Page - Eaton All Rights Reserved. FRN-R-2/10 Datasheet HTML 3Page - Eaton All Rights Reserved. FRN-R-2/10 Datasheet HTML 4Page - Eaton All Rights Reserved. FRN-R-2/10 Datasheet HTML 5Page - Eaton All Rights Reserved. FRN-R-2/10 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data1019
Effective February 2016
Supersedes July 2013
Fusetron™ FRN-R Class RK5 250Vac/125Vdc
1⁄10-60A, dual element, time-delay fuses
Catalog symbols:
FRN-R-_ (non-indicating)
FRN-R-_ID (indicating)
Description:
Eaton Bussmann® series advanced protection,
energy efficient FRN-R Class RK5 dual element,
current-limiting, time-delay fuses with optional
open fuse indication on select ratings. Time-delay
– 10 seconds (minimum) at 500% of rated current
(8 seconds for 1⁄10-30A sizes).
Specifications:
Ratings
Volts
250Vac
125Vdc
Amps 1⁄10-60A
Interrupting rating
200kA Vac RMS Sym.
20kA Vdc
Agency information
UL Listed, Std. 248-12, Class RK-5, Guide
JDDZ, File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-
02, File 53787
CE
Catalog numbers (amps) — non-indictaing fuses
FRN-R-1⁄10
FRN-R-1-8⁄10
FRN-R-8*
FRN-R-1⁄8
FRN-R-2
FRN-R-9*
FRN-R-15⁄100
FRN-R-2-1⁄4
FRN-R-10*
FRN-R-2⁄10
FRN-R-2-1⁄2
FRN-R-12*
FRN-R-1⁄4
FRN-R-2-8⁄10
FRN-R-15*
FRN-R-3⁄10
FRN-R-3
FRN-R-17-1⁄2*
FRN-R-4⁄10
FRN-R-3-2⁄10
FRN-R-20*
FRN-R-1⁄2
FRN-R-3-1⁄2
FRN-R-25*
FRN-R-6⁄10
FRN-R-4
FRN-R-30*
FRN-R-8⁄10
FRN-R-4-1⁄2
FRN-R-35*
FRN-R-1
FRN-R-5
FRN-R-40*
FRN-R-1-1⁄8
FRN-R-5-6⁄10
FRN-R-45*
FRN-R-1-1⁄4
FRN-R-6
FRN-R-50*
FRN-R-1-4⁄10
FRN-R-6-1⁄4
FRN-R-60*
FRN-R-1-1⁄2
FRN-R-7
FRN-R-1-6⁄10
FRN-R-7-1⁄2
* Open fuse indication available by inserting the sufix “ID.”
E.g., FRN-R-15ID.
Carton Quantity:
Amp rating
Carton qty.
1⁄10 – 60
10
Features:
Provides motor overload, ground fault and
short-circuit protection
Helps protect motors against burnout from
overloads
Helps protect motors against burnout from
single-phasing on three-phase systems
Simplifies and improves blackout prevention
(selective coordination)
Dual-element fuses can be applied in circuits
subject to temporary motor overloads and surge
currents to provide both high performance
short-circuit and overload protection
The overload element provides protection
against low level overcurrent of overloads
and will hold an overload which is five times
greater than the ampere rating of the fuse for a
minimum of ten seconds


Similar Part No. - FRN-R-2/10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-2/10 COOPER-FRN-R-2/10 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
More results

Similar Description - FRN-R-2/10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com