Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP2-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # TCP2-R
Description  Telecom circuit protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCP2-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  TCP2-R Datasheet HTML 1Page - Eaton All Rights Reserved. TCP2-R Datasheet HTML 2Page - Eaton All Rights Reserved. TCP2-R Datasheet HTML 3Page - Eaton All Rights Reserved. TCP2-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data 2609
Effective December 2017
TCP1.25, TCP500 & TCP2
Telecom circuit protector
3
www.eaton.com/electronics
TCP500 & TCP2
Product features
Designed to protect Consumer Premises
Equipment from harmful overcurrents.
Allows compliance with telecom regulatory
standards including UL 1950/60950, and FCC
part 68. Application circuit testing is
recommended.
Eliminates the need for a current limiting
resistor.
Environmental data
Life Test: MIL-STD-202, Method 108A, Test
Condition D
Load Humidity: MIL-STD-202, Method 103B
Moisture Resistance: MIL-STD-202, Method 106E
Thermal Shock: MIL-STD-202, Method 107D, air-to-
air
Case Resistance: EIA/IS-722
Resistance to Dissolution of Metallization: ANSI J-
STD-002, Test D
Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
High Frequency Vibration: MIL-STD-202, Method
204D, Test Condition D
Resistance to Solvents: MIL-STD-202, Method 215A
Agency information
UL Recognition Card: JDYX2/E19180
CSA Component Certification Record and Class No.:
053787C000, 1422 30
Ordering
• Specify packaging, product and option code
(i.e., TR2
-TCP500-R)
Soldering method
• Wave Immersion: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
* If the device does not open at 250% within 120 seconds, increase
current to 300% of amp rating. Device must open in 10 seconds max.
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
250%
1 Second Minimum
250%
4-10 Seconds Typical
250%*
120 Seconds Maximum
300%
10 Seconds Maximum
5.2
3.7
(0.204)
(0.145)
4.0
(0.157)
12.6
(0.496)
Land Pattern
Dimensions mm(inches)
ELECTRICAL AND POWER CROSS SPECIFICATIONS
P
art
Voltage
Typical
Maximum
Typical
Number
Rating
Melting
Total
Voltage
AC
Interrupting
Rating*
250VAC
600VAC
DC Cold
Resistance** (ohms)
min.
typ.
max.
I2t†
Clearing
Drop‡
Alpha Code
Marking
1st Code 2nd Code
TCP500
-R
250 V
50 A
40 A
0.420
0.530
0.640
1.3 A2s
100 A2s
471mV
F
TCP2
-R
250 V
50 A
60 A
0.100
0.075
0.050
30 A2s
100 A2s
205mV
N
R***
LIGHTNING SURGE SPECIFICATIONS
Surge Specification
Surge
Repetitions
Waveform
Current (A)
Voltage (V)
Performance
(µSec.)
Requirement
TCP 500mA tested
FCC 47 Part 68
Longitudinal Type B
2
5x320
37.5
N/A
Fuse cannot open
FCC 47 Part 68
Metallic Type A
2
10x560
100
800
Fuse must open safely
Surge out
25
10x160
65
N/A
Fuse cannot open
TCP2A tested
FCC 47 Part 68
Longitudinal Type A
2
10x160
100 per fuse
1500
Fuse cannot open
FCC 47 Part 68
Metallic Type B
2
10x560
100
800
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
10x1000
100
1000
Fuse cannot open
Bellcore GR-1089-CORE
First Level Lightning
50
2x10
500
2500
Fuse cannot open
Surge out
1
10x160
160
N/A
Fuse cannot open
Surge out
1
10x560
115
N/A
Fuse cannot open
* AC Interrupting Rating (Measured at designated voltage, 100% power factor)
** DC Cold Resistance (Measured at 10% of rated current)
*** On RoHS Compliant Version (-R option)
† Typical Melting I2t (Measured with a battery bank at 60V DC, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (Measured at rated current after temperature stabilizes)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com