Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S505SC-5-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S505SC-5-R
Description  5 x 20 mm Time-delay, axial lead ceramic tube fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505SC-5-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S505SC-5-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505SC-5-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505SC-5-R Datasheet HTML 3Page - Eaton All Rights Reserved. S505SC-5-R Datasheet HTML 4Page - Eaton All Rights Reserved. S505SC-5-R Datasheet HTML 5Page - Eaton All Rights Reserved. S505SC-5-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 10132
Effective May 2015
Supersedes September 2013
Product description
Time-delay, high breaking capacity
Designed to IEC 60127-2
Nickel-plated brass end cap construction
5 x 20mm physical size
Halogen free, lead free, RoHS compliant
Applications
Primary circuit protection:
Power supplies
LED lighting
LED/LCD televisions
Appliances and white goods
Printers
Agency information
cURus Recognition file number: E19180, Guide
JDYX2/JDYX8
SEMKO: File 1219335, 1310139
VDE: File 40024252, 40037710 (1-8A)
BSI: File KM55676
IMQ: File CA03.00529
PSE/JET: JET1641-31003-1010, JET1641-31003-
2002, JET7042-31003-2001
CQC: 12012079823, 13012103317
KC-Mark: File SU05011-12003, SU05011-12004,
SU05011-12005A; SU05030-13003A, SU05030-
13004, SU05030-13005
TUV: J50233218
Ordering
Specify packaging prefix and part number
as shown
Packaging prefix
Part number
BK/
S505SC-1-R
Packaging prefixes
BK/ 20 parts in a carrier, 5 carriers in a box
TR2/1500 parts per reel, tape width 52mm
TR3/1500 parts per reel, tape width 54mm
S505SC
5 x 20 mm Time-delay, axial lead ceramic tube fuses
Pb
HALOGEN
HF
FREE
5 x 20mm fuse with axial leads


Similar Part No. - S505SC-5-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
S505SCH-3.15-R EATON-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505SCH-5-R COOPER-S505SCH-5-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
S505SCH-5-R EATON-S505SCH-5-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
More results

Similar Description - S505SC-5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C310T-SC ETC2-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com