Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-4-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MDL-4-R
Description  1/4??x 1 1/4??Time-delay glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MDL-4-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MDL-4-R Datasheet HTML 1Page - Eaton All Rights Reserved. MDL-4-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2004
Effective June 2017
Supersedes February 2009
Product features
Agency information
• UL Listed Card: MDL 1/16 - 8A (Guide JDYX, File E19180)
• UL Recognized Card: MDL 9 - 30A (Guide JDYX2, File E19180)
• CSA Certification Card: MDL 1/16 - 8A (Class No. 1422-01)
• CSA Component Acceptance: MDL 9-30A
(Class No. 1422-30)
• CE
Ordering
Specify packaging code
Insert packaging code prefix before part number. E.g., BK (or
BK1)-MDL-5-R
Specify option codes if desired
For axial leads, insert “V” between catalog series and amp
rating. E.g., BK-MDL-V-5-R
For board washable, insert “B” between catalog series and
amp rating. E.g., BK-MDL-B-5-R
For axial leads and board washable, insert “B” then “V”
between catalog series and amp rating. E.g., BK-MDL-BV-5-R
MDL
1/4” x 1 1/4” Time-delay glass tube fuses
Time-delay
Optional axial leads available
1⁄4 x 1 1⁄4 (6.4 x 31.7mm) physical size
Glass tube, nickel-plated brass endcap construction
UL Listed product meets standard 248-14
Shock: 1A thru 30A – MIL-STD-202, Method 207, (HI
Shock)
Vibration: 1/4A thru 30A – MIL-STD-202, Method 204,
Test Condition C (Except 5g, 500HZ)
Specications
Voltage
Typical DC Cold
Typical
Typical
Part
Rating
AC Interrupting Rating* (amps)@
Resistance**
Melting I 2t†
Voltage
Number
Vac
250Vac
125Vac
32Vac
AC
Drop‡
MDL-1/16-R
250
35
10000
-
45.6
0.0046
2.79
MDL-1/10-R
250
35
10000
-
15.68
0.0420
1.95
MDL-1/8-R
250
35
10000
-
12.238
0.0422
1.52
MDL-3/16-R
250
35
10000
-
4.81
0.116
1.05
MDL-2/10-R
250
35
10000
-
5.234
0.314
0.972
MDL-1/4-R
250
35
10000
-
3.208
0.447
0.965
MDL-3/10-R
250
35
10000
-
2.046
0.412
0.808
MDL-3/8-R
250
35
10000
-
1.567
0.982
1.46
MDL-1/2-R
250
35
10000
-
0.943
1.656
1.27
MDL-3/4-R
250
35
10000
-
0.397
4.343
1.01
MDL-1-R
250
35
10000
-
0.273
11.498
0.995
MDL-1-1/4-R
250
100
10000
-
0.205
86.2
0.722
MDL-1-1/2-R
250
100
10000
-
0.156
22.7
0.721
MDL-2-R
250
100
10000
-
0.116
62.3
0.644
MDL-2-1/4-R
250
100
10000
-
0.096
49.6
0.535
MDL-2-1/2-R
250
100
10000
-
0.081
63.1
0.410
MDL-3-R
250
100
10000
-
0.057
67.5
0.345
MDL-4-R
250
200
10000
-
0.038
19.3
0.187
MDL-5-R
250
200
10000
-
0.025
32.0
0.160
MDL-6-R
250
200
10000
-
0.022
37.4
0.155
MDL-6-1/4-R
250
200
10000
-
0.02
38.7
0.152
MDL-7-R
250
200
10000
-
0.018
42.7
0.140
MDL-8-R
250
200
10000
-
0.015
47.8
0.119
MDL-9-R
32
-
-
1000
0.012
51.5
0.124
MDL-10-R
32
-
-
1000
0.01
64.4
0.114
MDL-15-R
32
-
-
1000
0.005
354.0
0.130
MDL-20-R
32
-
-
1000
0.004
2914.0
0.530
MDL-25††
32
-
-
1000
0.01225
15221.0
0.30
MDL-30††
32
-
-
1000
0.0011
15581.0
0.40
* Interrupting Ratings (Interrupting ratings were measured at 70% - 80% power factor on AC)
** DC Cold Resistance (Measured at ≤10% of rated current)
† Typical Melting I 2t (A2Sec) (I 2t was measured at listed interrupting rating and rated voltage.)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C±3°C ambient temperature at rated current)
†† MDL-25 & MDL-30 not available in RoHS compliant construction.
(Ω)
Environmental data


Similar Part No. - MDL-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MDL-4-R COOPER-MDL-4-R Datasheet
267Kb / 2P
1/4 x 1 1/4 Time-Delay, Glass Tube Fuses
MDL-4-R COOPER-MDL-4-R Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
More results

Similar Description - MDL-4-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFG2TD100 DUBILIER-DBCFG2TD100 Datasheet
96Kb / 1P
FUSES 1 1/4 x 1/4 GLASS FUSES - QUICK BLOW
DBCFG3TD1 DUBILIER-DBCFG3TD1 Datasheet
75Kb / 1P
FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
logo
Cooper Bussmann, Inc.
MDL-20 COOPER-MDL-20 Datasheet
267Kb / 2P
1/4 x 1 1/4 Time-Delay, Glass Tube Fuses
BKAGC-2 COOPER-BKAGC-2 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
AGC-V-4 COOPER-AGC-V-4 Datasheet
307Kb / 3P
Fast-Acting 1/4 x 1 1/4 Glass Tube Fuses AGC Series
ABC-10A COOPER-ABC-10A Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
MDA-14-R COOPER-MDA-14-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
1/4??x 1 1????Fast-acting glass tube fuses
AGX EATON-AGX Datasheet
409Kb / 2P
1/4??x 1??Fast-acting glass tube fuses
AGC EATON-AGC_V01 Datasheet
953Kb / 5P
1/4” x 1-1⁄4” Fast-acting glass tube fuses
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com