Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS1-12-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CMS1-12-R
Description  Common mode inductors, surface mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMS1-12-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CMS1-12-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4313
Effective October 2015
Supersedes March 2007
Product description
Three sizes of surface mount torroidal common-
mode inductors that provide 300Vdc isolation
Inductance range from 5.5uH to 1600uH
Current range up to 7.0 Amps
Noise attenuation up to 44 dB
Frequency range up to 100 MHz
Meets UL94V-0 flammability standard
Ferrite core material
Applications
EMI filters
DC-DC brick power supplies
Discrete output supplies
Discrete and point-of-use power supplies (PUPS)
Environmental data
Storage temperature range: -40°C to +160°C
Operating ambient temperature range: -40°C to
+160°C (range is application specific)
Solder reflow temperature: J-STD-020D compliant
CMS
Common mode inductors, surface mount
Pb


Similar Part No. - CMS1-12-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CMS1-12-R COOPER-CMS1-12-R Datasheet
249Kb / 4P
160C maximum total temperature Three sizes of surface mount torroidal common
CMS1-12-R COOPER-CMS1-12-R Datasheet
249Kb / 4P
CMS-SERIES Common Mode Inductors
More results

Similar Description - CMS1-12-R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6350 API-CM6350 Datasheet
46Kb / 1P
Surface Mount Common Mode Choke
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Rhombus Industries Inc.
F-215 RHOMBUS-IND-F-215 Datasheet
25Kb / 1P
Surface Mount Common Mode Choke
8/16/96
F-1921HV RHOMBUS-IND-F-1921HV Datasheet
21Kb / 1P
Surface Mount Common Mode Choke
1/17/2001
L-472 RHOMBUS-IND-L-472 Datasheet
24Kb / 1P
Surface Mount Common Mode Choke
9/22/99
logo
Bothhand USA, LP.
BCM-7540 BOTHHAND-BCM-7540 Datasheet
158Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
BCM-5853 BOTHHAND-BCM-5853 Datasheet
98Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_V01 Datasheet
130Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
ICM-1206 VISHAY-ICM-1206_V01 Datasheet
125Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com