Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R080-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # R080-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

R080-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  R080-R Datasheet HTML 1Page - Eaton All Rights Reserved. R080-R Datasheet HTML 2Page - Eaton All Rights Reserved. R080-R Datasheet HTML 3Page - Eaton All Rights Reserved. R080-R Datasheet HTML 4Page - Eaton All Rights Reserved. R080-R Datasheet HTML 5Page - Eaton All Rights Reserved. R080-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4373
Effective September 2017
Supersedes March 2015
FP0404
High frequency, high current power inductors
Description
High current carrying capacity
Low core loss
Frequency range up to 2 MHz
Inductance Range from 22 nH to 110 nH
Current range from 14 A to 40 A
4.0 mm x 4.0 mm footprint surface mount pack-
age in 3.0 mm and 4.0 mm heights
Ferrite core material
Applications
Multi-phase and Vcore regulators
Voltage Regulator Modules (VRMs)
Server and desktop VRMs and EVRDs
Laptop and notebook regulators
Data networking and storage systems
Graphics cards and battery power systems
Point-of-Load modules
Environmental Data
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - R080-R

ManufacturerPart #DatasheetDescription
logo
Weller Tools
R08 WELLER-R08 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
Frontier Electronics.
R08-LFR FRONTIER-R08-LFR Datasheet
125Kb / 2P
1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
logo
List of Unclassifed Man...
R081297 ETC-R081297 Datasheet
403Kb / 4P
Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
logo
Bourns Electronic Solut...
R0843 BOURNS-R0843 Datasheet
2Mb / 2P
5200 Series - Hash Choke
logo
celduc-relais
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
More results

Similar Description - R080-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com