Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC880 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC880
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC880 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC880 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC880 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
9
Maximum Tolerated Ratings
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC885/880. Table 2
displays the maximum tolerated ratings, and Table 3 displays the operating temperatures.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for example, either GND or VDD).
Table 2. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1 The power supply of the device must start its ramp from 0.0 V.
VDDH
–0.3 to 4.0
V
VDDL
–0.3 to 2.0
V
VDDSYN
–0.3 to 2.0
V
Difference
between
VDDL and
VDDSYN
<100
mV
Input voltage 2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device. See Section 8, “Power Supply and Power
Sequencing.”
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to power
up and normal operation (that is, if the MPC885/880 is unpowered, a voltage greater than 2.5 V must not be applied
to its inputs).
Vin
GND – 0.3 to
VDDH
V
Storage temperature range
Tstg
–55 to +150
°C
Table 3. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
Tj(max)
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com