Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ110C Datasheet(PDF) 4 Page - Anova Technologies CO., LTD.

Part # SMBJ110C
Description  Surface Mount Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SMBJ110C Datasheet(HTML) 4 Page - Anova Technologies CO., LTD.

  SMBJ110C Datasheet HTML 1Page - Anova Technologies CO., LTD. SMBJ110C Datasheet HTML 2Page - Anova Technologies CO., LTD. SMBJ110C Datasheet HTML 3Page - Anova Technologies CO., LTD. SMBJ110C Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMBJ Series
www.anova-semi.com
Revision: C
Dec-29 -2013
P. 4
Uni
Bi
Min (V) Max (V) IT (mA)
SMBJ40
SMBJ40C
MQ
CQ
44.40
54.30
1
1
40.0
8.40
71.4
SMBJ40A
SMBJ40CA
MR
CR
44.40
49.10
1
1
40.0
9.30
64.5
SMBJ43
SMBJ43C
MS
CS
47.80
58.40
1
1
43.0
7.82
76.7
SMBJ43A
SMBJ43CA
MT
CT
47.80
52.80
1
1
43.0
8.65
69.4
SMBJ45
SMBJ45C
MU
CU
50.00
61.10
1
1
45.0
7.47
80.3
SMBJ45A
SMBJ45CA
MV
CV
50.00
55.30
1
1
45.0
8.25
72.7
SMBJ48
SMBJ48C
MW CW
53.30
65.10
1
1
48.0
7.02
85.5
SMBJ48A
SMBJ48CA
MX
CX
53.30
58.90
1
1
48.0
7.75
77.4
SMBJ51
SMBJ51C
MY
CY
56.70
69.30
1
1
51.0
6.59
91.1
SMBJ51A
SMBJ51CA
MZ
CZ
56.70
62.70
1
1
51.0
7.28
82.4
SMBJ54
SMBJ54C
ND
DD
60.00
73.30
1
1
54.0
6.23
96.3
SMBJ54A
SMBJ54CA
NE
DE
60.00
66.30
1
1
54.0
6.89
87.1
SMBJ58
SMBJ58C
NF
DF
64.40
78.70
1
1
58.0
5.83
103.0
SMBJ58A
SMBJ58CA
NG
DG
64.40
71.20
1
1
58.0
6.41
93.6
SMBJ60
SMBJ60C
NH
DH
66.70
81.50
1
1
60.0
5.61
107.0
SMBJ60A
SMBJ60CA
NK
DK
66.70
73.70
1
1
60.0
6.20
96.8
SMBJ64
SMBJ64C
NL
DL
71.10
86.90
1
1
64.0
5.26
114.0
SMBJ64A
SMBJ64CA
NM DM
71.10
78.60
1
1
64.0
5.83
103.0
SMBJ70
SMBJ70C
NN
DN
77.80
95.10
1
1
70.0
4.80
125.0
SMBJ70A
SMBJ70CA
NP
DP
77.80
86.00
1
1
70.0
5.31
113.0
SMBJ75
SMBJ75C
NQ
DQ
83.30
102.00
1
1
75.0
4.48
134.0
SMBJ75A
SMBJ75CA
NR
DR
83.30
92.10
1
1
75.0
4.96
121.0
SMBJ78
SMBJ78C
NS
DS
86.70
106.00
1
1
78.0
4.32
139.0
SMBJ78A
SMBJ78CA
NT
DT
86.70
95.80
1
1
78.0
4.76
126.0
SMBJ80
SMBJ80C
NA
DA
88.96
108.80
1
1
80.0
4.19
143.2
SMBJ80A
SMBJ80CA
NB
DB
88.80
97.60
1
1
80.0
4.63
129.6
SMBJ85
SMBJ85C
NU
DU
94.40
115.00
1
1
85.0
3.97
151.0
SMBJ85A
SMBJ85CA
NV
DV
94.40
104.00
1
1
85.0
4.38
137.0
SMBJ90
SMBJ90C
NW DW
100.00
122.00
1
1
90.0
3.75
160.0
SMBJ90A
SMBJ90CA
NX
DX
100.00
111.00
1
1
90.0
4.11
146.0
SMBJ100
SMBJ100C
NY
DY
111.00
136.00
1
1
100.0
3.35
179.0
SMBJ100A
SMBJ100CA
NZ
DZ
111.00
123.00
1
1
100.0
3.70
162.0
SMBJ110
SMBJ110C
PD
ED
122.00
149.00
1
1
110.0
3.06
196.0
SMBJ110A
SMBJ110CA
PE
EE
122.00
135.00
1
1
110.0
3.39
177.0
SMBJ120
SMBJ120C
PF
EF
133.00
163.00
1
1
120.0
2.80
214.0
SMBJ120A
SMBJ120CA
PG
EG
133.00
147.00
1
1
120.0
3.11
193.0
SMBJ130
SMBJ130C
PH
EH
144.00
176.00
1
1
130.0
2.60
231.0
SMBJ130A
SMBJ130CA
PK
EK
144.00
159.00
1
1
130.0
2.87
209.0
SMBJ140
SMBJ140C
PA
EA
155.68
190.40
1
1
140.0
2.39
250.6
SMBJ140A
SMBJ140CA
PB
EB
155.00
171.00
1
1
140.0
2.65
226.8
SMBJ150
SMBJ150C
PL
EL
167.00
204.00
1
1
150.0
2.24
268.0
SMBJ150A
SMBJ150CA
PM
EM
167.00
185.00
1
1
150.0
2.47
243.0
SMBJ160
SMBJ160C
PN
EN
178.00
218.00
1
1
160.0
2.09
287.0
SMBJ160A
SMBJ160CA
PP
EP
178.00
197.00
1
1
160.0
2.32
259.0
SMBJ170
SMBJ170C
PQ
EQ
189.00
231.00
1
1
170.0
1.97
304.0
SMBJ170A
SMBJ170CA
PR
ER
189.00
209.00
1
1
170.0
2.18
275.0
SMBJ180
SMBJ180C
PS
ES
200.16
244.80
1
1
180.0
1.86
322.2
SMBJ180A
SMBJ180CA
PT
ET
200.00
220.00
1
1
180.0
2.06
291.6
SMBJ190
SMBJ190C
PU
EU
211.28
258.40
1
1
190.0
1.76
340.1
SMBJ190A
SMBJ190CA
PV
EV
211.00
232.00
1
1
190.0
1.95
307.8
SMBJ200A
SMBJ200CA
PW
EW
224.00
247.00
1
1
200.0
1.85
324.0
SMBJ220A
SMBJ220CA
PX
EX
246.00
272.00
1
1
220.0
1.69
356.0
SMBJ250A
SMBJ250CA
PZ
EZ
279.00
309.00
1
1
250.0
1.48
405.0
SMBJ300A
SMBJ300CA
QE
FE
335.00
371.00
1
1
300.0
1.23
486.0
SMBJ350A
SMBJ350CA
QG
FG
391.00
432.00
1
1
350.0
1.06
567.0
SMBJ400A
SMBJ400CA
QK
FK
447.00
494.00
1
1
400.0
0.93
648.0
SMBJ440A
SMBJ440CA
QM
FM
492.00
543.00
1
1
440.0
0.84
713.0
Electrical Characteristics(TA=25℃ unless otherwise noted)
Maximum
Clamping
Voltage VC
@IPP
(V)
Device
Marking
Code
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Breakdown Voltage VBR @IT
Maximum
Reverse
Surge
Current IPP
(A)
Part Number
(Bi)
Part Number
(Uni)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com