Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N32905U8DN Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # N32905U8DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U8DN Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button N32905U8DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
N3291xUxDN Data Sheet
- 21 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
SPI0_CLK
IOU
SPI Port 0 Clock
Output in Master Mode
Input in Slave Mode
GPD[12]
GPIO Port D Bit 12
SPI0_CS0_
IOU
SPI Port 0 Device Select 0, Low Active
Output in Master Mode
Input in Slave Mode
GPD[13]
GPIO Port D Bit 13
SPI0_DI
IOU
SPI Port 0 Data Input
UHL_DP0
USB 1.1 Host Lite Port 0, D+
GPD[14]
GPIO Port D Bit 14
SPI0_DO
IOU
SPI Port 0 Data Output
UHL_DM0
USB 1.1 Host Lite Port 0, D-
LVD_OUT
Low Voltage Detect Output
GPD[15]
GPIO Port D Bit 15
SD Card Interface
SDCLK
IOU
SD Port 0 Clock, Output
GPE[7]
GPIO Port E Bit 7
SDCMD
IOU
SD Port 0 Command/Response
GPE[6]
GPIO Port E Bit 6
SDDAT[0]
IOU
SD Port 0 Data Bit 0
GPE[2]
GPIO Port E Bit 2
SDDAT[1]
IOU
SD Port 0 Data Bit 1
GPE[3]
GPIO Port E Bit 3
SDDAT[2]
IOU
SD Port 0 Data Bit 2
GPE[4]
GPIO Port E Bit 4
SDDAT[3]
IOU
SD Port 0 Data Bit 3
GPE[5]
GPIO Port E Bit 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com