Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N32905U7DN Datasheet(PDF) 24 Page - Nuvoton Technology Corporation

Part # N32905U7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U7DN Datasheet(HTML) 24 Page - Nuvoton Technology Corporation

Back Button N32905U7DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905U7DN Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
N3291xUxDN Data Sheet
- 24 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
PGC_VREF
I
PGC Voltage Reference
I2S_MCLK
O
I2S Master Clock
GPH[0]
IO
GPIO Port H bit 0
ADC_AIN[3]
I
ADC Analog Input Channel 3
ADC_AIN[2]
I
ADC Analog Input Channel 2
ADC_AIN[1]
I
ADC Analog Input Channel 1
MIC_N
I
Microphone Negative Input
I2S_DI
I
I2S Serial Data Input
GPG[9]
I
GPIO Port G bit 9
ADC_AIN[0]
I
ADC Analog Input Channel 0
MIC_P
I
Microphone Positive Input
I2S_WS
O
I2S Interface Word Select, Output
GPG[10]
IO
GPIO Port G bit 10
ADC_TP_YP
I
Touch Panel YP
SPI1_CLK
O
SPI Port 1 Serial Clock
ISCK
IO
I2C Serial Clock
GPG[12]
IO
GPIO Port G bit 12
ADC_TP_XP
I
Touch Panel XP
SPI1_CS0_
O
SPI Port 1 Chip Select
GPG[13]
IO
GPIO Port G bit 13
ADC_TP_XM
I
Touch Panel XM
SPI1_DI
I
SPI Port 1 Serial Data Input
GPG[14]
IO
GPIO Port G bit 14
ADC_TP_YM
I
Touch Panel YM
SPI1_DO
O
SPI Port 1 Serial Data Output
ISDA
IO
I2C Serial Data
GPG[15]
IO
GPIO Port G bit 15
Audio DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com