Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM258DT Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM258DT
Description  Low Power Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM258DT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM258DT Datasheet HTML 5Page - STMicroelectronics LM258DT Datasheet HTML 6Page - STMicroelectronics LM258DT Datasheet HTML 7Page - STMicroelectronics LM258DT Datasheet HTML 8Page - STMicroelectronics LM258DT Datasheet HTML 9Page - STMicroelectronics LM258DT Datasheet HTML 10Page - STMicroelectronics LM258DT Datasheet HTML 11Page - STMicroelectronics LM258DT Datasheet HTML 12Page - STMicroelectronics LM258DT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM158-LM258-LM358-LM158A-LM258A-LM358A
Electrical Characteristics
9/16
Figure 14. Input current
Figure 15. Gain bandwidth product
Figure 16. Power supply rejection ratio
Figure 17. Common mode rejection ratio
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
100
75
50
25
amb
T
= +25°C
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
CC
V
=
15V
1.5
1.35
1.2
1.05
0.9
0.75
0.6
0.45
0.3
0.15
0
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
SVR
115
110
105
100
95
90
85
80
75
70
65
60
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
115
110
105
100
95
90
85
80
75
70
65
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com