| Electronic Components Datasheet Search |
|
ADE7756ARS Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7756ARS Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 32 page ![]() REV. 0 ADE7756 –27– wide, for example, a 2-byte data transfer must take place. The data is always assumed to be right justified, therefore, in this case, the 4 MSBs of the first byte would be ignored and the 4 LSBs of the first byte written to the ADE7756 would be the 4 MSBs of the 12-bit word. Figure 39 illustrates this example. Serial Read Operation During a data read operation from the ADE7756, data is shifted out at the DOUT logic output on the rising edge of SCLK. As was the case with the data write operation, a data read must be preceded with a write to the Communications register. With the ADE7756 in Communications Mode (i.e., CS logic low) an 8-bit write to the Communications register first takes place. The MSB of this byte transfer is a 0, indicating that the next data transfer operation is a read. The LSBs of this byte contain the address of the register to be read. The ADE7756 starts shifting out of the register data on the next rising edge of SCLK—see Figure 40. At this point the DOUT logic output leaves its high impedance state and starts driving the data bus. All remaining bits of register data are shifted out on subsequent SCLK rising edges. The serial interface also enters Communi- cations Mode again as soon as the read has been completed. At this point the DOUT logic output enters a high impedance state on the falling edge of the last SCLK pulse. The read operation may be aborted by bringing the CS logic input high before the data transfer is complete. The DOUT output enters a high impedance state on the rising edge of CS. When an ADE7756 register is addressed for a read operation, the entire contents of that register are transferred to the serial port. This allows the ADE7756 to modify its on-chip registers without the risk of corrupting data during a multibyte transfer. Note when a read operation follows a write operation, the read command (i.e., write to communications register) should not happen for at least 4 µs after the end of the write operation. If the read command is sent within 4 µs of the write operation, the last byte of the write operation may be lost. This is given as timing specification t9. t5 t4 CS SCLK DIN A4 A3 A2 A1 A0 DB7 MOST SIGNIFICANT BYTE 1 DB0 DB7 DB0 LEAST SIGNIFICANT BYTE 00 COMMAND BYTE t1 t2 t3 t6 t7 t8 Figure 38. Serial Interface Write Timing Diagram SCLK X X X X DB11 DB10 DB9 DB8 DIN MOST SIGNIFICANT BYTE DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 LEAST SIGNIFICANT BYTE Figure 39. 12-Bit Serial Write Operation CS SCLK DIN A4 A3 A2 A1 A0 00 0 t1 t10 DOUT DB7 MOST SIGNIFICANT BYTE LEAST SIGNIFICANT BYTE COMMAND BYTE DB0 DB7 DB0 t13 t12 t9 t11 t11 Figure 40. Serial Interface Read Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |