Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM97 Datasheet(PDF) 58 Page - HOPE Microelectronics CO., Ltd.

Part # RFM97
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM97 Datasheet(HTML) 58 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM97 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RFM97 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 121 page
background image
Page 58
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 72 Sequencer Timer Settings
Variable
Description
Timer1Resolution
Resolution of Timer1
00: disabled
01: 64 us
10: 4.1 ms
11: 262 ms
Timer2Resolution
Resolution of Timer2
00: disabled
01: 64 us
10: 4.1 ms
11: 262 ms
Timer1Coefficient
Multiplying coefficient for Timer1
Timer2Coefficient
Multiplying coefficient for Timer2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com