Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8201CP Datasheet(PDF) 28 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 28 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 32Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
23
Track ID: JATR-1076-21 Rev. 1.1
8.
Characteristics
8.1. DC Characteristics
8.1.1.
Absolute Maximum Ratings
Table 28. Absolute Maximum Ratings
Item
Minimum
Typical
Maximum
Supply Voltage.
3.0V
3.3V
3.6V
Storage Temp.
-55°C
125°C
8.1.2.
Operating Conditions
Table 29. Operating Conditions
Item
Condition
Minimum
Typical
Maximum
Vcc 3.3V
3.3V Supply voltage.
3.0V
3.3V
3.6V
TA
Operating Temperature.
0°C
70°C
8.1.3.
Power Dissipation
Test condition: VCC=3.3V
Table 30. Power Dissipation
Symbol
Condition
Total Current Consumption
PLDPS
Link down power saving mode.
TBD
PAnaOff
Analog off mode.
TBD
PPWD
Power down mode.
TBD
PIsolate
Isolate mode.
TBD
P100F
100Base full duplex.
TBD
P10F
10Base-T full duplex.
TBD
P10TX
10Base-T transmit.
TBD
P10RX
10Base-T receive.
TBD
P10IDLE
10Base-T idle.
TBD
8.1.4.
Input Voltage: Vcc
Table 31. Input Voltage: Vcc
Symbol
Condition
Minimum
Maximum
TTL VIH
Input High Vol.
0.5*Vcc
Vcc +0.5V
TTL VIL
Input Low Vol.
-0.5V
0.3*Vcc
TTL VOH
Output High Vol.
IOH=-8mA
0.9*Vcc
Vcc
TTL VOL
Output Low Vol.
IOL=8mA
0.1*Vcc
TTL IOZ
Tri-state Leakage.
Vout=Vcc or GND
-10uA
10uA
IIN
Input Current.
Vin=Vcc or GND
-1.0uA
1.0uA
PECL VIH
PECL Input High Vol.
Vdd -1.16V
Vdd -0.88V
PECL VIL
PECL Input Low Vol.
Vdd -1.81V
Vdd -1.47V
PECL VOH
PECL Output High Vol.
Vdd -1.02V
PECL VOL
PECL Output Low Vol.
Vdd -1.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com