| Electronic Components Datasheet Search |
|
B022-004-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
B022-004-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() Specifications 4-Port Desktop KVM Switch MODEL NUMBER: B022-004-R Description Tripp Lite's 4-port B022-004-R KVM Switch is the optimal solution for controlling 4 computers from one keyboard, mouse and monitor. Installation is a snap - just connect the PCs using Tripp Lite's P774-Series (PS/2) or P776-Series (USB) KVM cable kits (Not included). No software or complicated set-up procedures are required. Easily switch between computers via the front-panel push buttons or keyboard hotkey commands. Features Control 4 computers from a single keyboard, mouse, and monitor q Supports VGA, SVGA, or Multisync monitors q Connect to PS/2 and USB computers using Tripp Lite's P774-Series (PS/2) and P776-Series (USB) KVM cable kits (Not included) q Easy to install - no software required q Easily select a computer via front-panel push buttons or keyboard hotkeys q Auto Scan function to monitor computer operation q Supports Microsoft IntelliMouse and the scrolling wheel on most mice q Superior video quality - up to 2048x1536; DDC2B q External power not required q Compatible with all major operating systems except Mac and Sun q Highlights Control 4 computers with 1 keyboard, monitor and mouse q Connect to PS/2 and USB computers using Tripp Lite's P774-Series (PS/2) and P776- Series (USB) KVM cable kits (Not included) q Simple plug-and-play design q Ultra-slim design takes up minimal space q Compatible with all major operating systems except Mac and Sun q System Requirements VGA, SVGA or Multisync Monitor with an HD15 port q PS/2 mouse q PS/2 keyboard q PS/2 or USB computer q P774-Series (PS/2) and/or P776-Series (USB) KVM Cable kit(s); 1 for each connected computer q Compatible with all major operating systems except Mac and Sun q Package Includes B022-004-R 4 Port KVM Switch q PS/2 console cable kit q Owner's manual q OVERVIEW UPC Code 037332120243 1 / 2 |
Similar Part No. - B022-004-R |
|
Similar Description - B022-004-R |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |