Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCR1E331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCR1E331MCL1GS
Description  Chip Type, High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR1E331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCR1E331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCR1E331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCR
Dimensions
Rated Voltage
(V)(code)
Surge Voltage
(V)
1500
3400
2200
3800
3200
4300
1200
3300
2100
3500
3100
4200
1200
3200
2100
3300
3100
4100
1200
3100
2100
3300
3100
3900
1300
2900
1900
2900
3000
3500
1100
2700
1800
2900
2800
3000
1400
1600
1700
2100
60
34
64
32
38
26
78
38
66
36
40
28
82
40
66
38
40
30
88
44
66
42
40
32
90
52
84
50
50
38
96
56
94
54
56
48
76
70
66
56
30
17
32
16
19
13
39
19
33
18
20
14
41
20
33
19
20
15
44
22
33
21
20
16
45
26
42
25
25
19
48
28
47
27
28
24
38
35
33
28
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
220
470
470
560
680
1000
150
330
330
470
560
680
100
220
220
270
330
470
68
150
150
220
270
330
20
16
(1C)
25
20
(1D)
31
25
(1E)
43
35
(1V)
PCR1C221MCL1GS
PCR1C471MCL6GS
PCR1C471MCL1GS
PCR1C561MCL1GS
PCR1C681MCL1GS
PCR1C102MCL1GS
PCR1D151MCL1GS
PCR1D331MCL6GS
PCR1D331MCL1GS
PCR1D471MCL1GS
PCR1D561MCL1GS
PCR1D681MCL1GS
PCR1E101MCL1GS
PCR1E221MCL6GS
PCR1E221MCL1GS
PCR1E271MCL1GS
PCR1E331MCL1GS
PCR1E471MCL1GS
PCR1V680MCL1GS
PCR1V151MCL6GS
PCR1V151MCL1GS
PCR1V221MCL1GS
PCR1V271MCL1GS
PCR1V331MCL1GS
PCR1H390MCL1GS
PCR1H820MCL6GS
PCR1H820MCL1GS
PCR1H121MCL2GS
PCR1H121MCL1GS
PCR1H181MCL1GS
PCR1J220MCL1GS
PCR1J390MCL1GS
PCR1J470MCL1GS
PCR1J560MCL1GS
PCR1J680MCL1GS
PCR1J101MCL1GS
PCR1K270MCL1GS
PCR1K390MCL1GS
PCR1K470MCL1GS
PCR1K680MCL1GS
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan δ
Part Number
Low temp.
ESR after
Endurance
(m )
(-40°C / 100kHz)
Rated Ripple
(mArms)
(125°C / 100kHz)
Initial
ESR
(m )
(20°C / 100kHz)
39
82
82
120
120
180
22
39
47
56
68
100
27
39
47
68
63
50
(1H)
79
63
(1J)
100
80
(1K)
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 10
8 × 12
10 × 10
10 × 12.7
Rated ripple current (mArms) at 125°C 100kHz
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com