| Electronic Components Datasheet Search |
|
STM1818SWX7F Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1818SWX7F Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 20 page ![]() 1/20 PRELIMINARY DATA June 2005 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. STM1810, STM1811, STM1812, STM1813 STM1815, STM1816, STM1817, STM1818 Low Power Reset Circuit Rev 5 FEATURES SUMMARY ■ PRECISION MONITORING OF 3V, 3.3V, AND 5V SUPPLY VOLTAGES ■ FOUR OUTPUT CONFIGURATIONS – Push-Pull, Active-High (STM1812,1817) – Push-Pull, Active-Low (STM1810,1815) – Open Drain, Active-Low (STM1811,1816) – Open Drain, Active-Low with Push-Button Detect (STM1813,1818) ■ RESET PULSE WIDTH - 100ms (min) ■ LOW SUPPLY CURRENT - 4uA (typ) ■ GUARANTEED ASSERTION DOWN TO VCC = 1.0V (0°C to 105°C) ■ FACTORY-TRIMMED RESET THRESHOLDS OF 2.55V, 2.88V, 3.06V, 4.37V, and 4.62V (typ) ■ POWER SUPPLY TRANSIENT IMMUNITY ■ PUSH-BUTTON/MANUAL RESET DETECT (STM1813/1818) ■ OPERATING TEMPERATURE: –40°C TO 105°C ■ ±2.5% RESET THRESHOLD ACCURACY (–40°C TO 105°C) ■ AVAILABLE IN THE SOT23-3 PACKAGE ■ FULLY COMPATIBLE WITH DS181x AND MXD181x PRODUCTS Figure 1. Packages Table 1. Device Options Note: 1. Active-low RST with internal pull-up resistor SOT23-3 (WX) 5V 3.3V/ 3.0V Active-Low RESET (Push-Pull) Active-Low RESET (Open Drain) Active-High RESET (Push-Pull) Active-Low RESET (Open Drain, Bi-directional, with MR Detect) STM1810L/M ✔✔ STM1811L/M ✔ ✔(1) STM1812L/M ✔✔ STM1813L/M ✔ ✔ STM1815T/S/R ✔✔ STM1816T/S/R ✔ ✔(1) STM1817T/S/R ✔✔ STM1818T/S/R ✔✔ |
Similar Part No. - STM1818SWX7F |
|
Similar Description - STM1818SWX7F |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |