Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCR1D331MCL6GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCR1D331MCL6GS
Description  Chip Type, High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR1D331MCL6GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCR1D331MCL6GS Datasheet HTML 1Page - Nichicon corporation PCR1D331MCL6GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCRChipType,HighReliability
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +125°C
16 to 80V
22 to 1000µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3(µA), whichever is greater.
Z+125°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Shelf Life
ESR after Endurance ( 1)
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 4000 hours at 125°C.
Less than or equal to the specified value at 100kHz, -40°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 85°C, 85% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 260°C or less, reflow soldering shall be
two times maximum.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
High reliability, High voltage (to 80V).
Low ESR, High ripple current.
Long life of 4000 hours at 125°C.
SMD type : Lead free reflow soldering condition at
260°C peak complete correspondence.
Compliant to the RoHS directive (2011/65/EU).
ESR after Endurance at -40°C.
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
R
3
1
4
V
5
1
6
5
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (35V)
Series name
Type
Standard
Vibration Resistance
code
Configuration
L
S
Type numbering system (Example : 35V 150µF)
Dimension table in next page.
φD
L
A
B
C
E
H
Size
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 7L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 10L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 12L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 × 8L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 ×10L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×12.7L
(mm)
Code C
V
16
D
20
E
25
V
35
H
50
J
63
K
80
Voltage
φD
L
A
B
C
E
H
Size
8.0
10.0
9.0
8.3
8.3
3.1
1.1 to 1.5
φ8×10.5L
10.0
10.0
11.0
10.3
10.3
4.6
1.1 to 1.5
φ10×10.5L
6.3
7.5
7.3
6.6
6.6
2.5
0.5 to 0.8
φ6.3 ×8L
10.0
12.7
11.0
10.3
10.3
4.6
1.1 to 1.5
φ10×13.2L
(mm)
Vibration Resistance
Standard
PCR
High Capacitance
Long Life Assurance
PCX
After storing the capacitors under no load at 125°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Frequency coefficient of rated ripple current
Frequency
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05 0.30 0.70
1.00
φ8×10L, φ10×10L, φ10×12.7L : The vibration structure-resistant product
is also available upon request, please ask for details.
H
0.3 MAX.
C±0.2
L
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
Negative
Positive
Positive
+0.1
-0.4
Standard
Vibration Resistance
H
0.3 MAX.
C±0.2
L±0.5
Plastic platform
Aid electrode
Series
Voltage (V:35V)
Lot No.
Capacitance
Dimensions


Similar Part No. - PCR1D331MCL6GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCR1D331MCL6GS NICHICON-PCR1D331MCL6GS Datasheet
57Kb / 3P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCR1D331MCL6GS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3ARB102P PANASONIC-ERA3ARB102P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA3ARB103P PANASONIC-ERA3ARB103P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA3ARB104P PANASONIC-ERA3ARB104P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA3AEB1961V PANASONIC-ERA3AEB1961V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA-3AEB333V PANASONIC-ERA-3AEB333V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA-3AEB274V PANASONIC-ERA-3AEB274V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
logo
Nichicon corporation
GYB_18 NICHICON-GYB_18_08 Datasheet
786Kb / 2P
Chip Type, 105째C High Reliability
GYB NICHICON-GYB Datasheet
758Kb / 2P
Chip Type, 105째C High Reliability
GYB NICHICON-GYB_18 Datasheet
761Kb / 2P
Chip Type, 105째C High Reliability
GYC NICHICON-GYC Datasheet
745Kb / 2P
Chip Type, 135째C High Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com