| Electronic Components Datasheet Search |
|
AL1663RS-13 Datasheet(PDF) 7 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AL1663RS-13 Datasheet(HTML) 7 Page - Diodes Incorporated |
|
7 / 15 page ![]() AL1663/AL1663R Document number: DS38466 Rev. 2 - 2 7 of 15 www.diodes.com March 2017 © Diodes Incorporated AL1663/AL1663R Performance Characteristics (Cont.) Internal Reference Voltage vs. VCC Voltage Note: 8. These electrical characteristics are tested under DC condition. The ambient temperature is equal to the junction temperature of the device. Application Information The AL1663/AL1663R is a constant current high PF Flyback and Buck-boost controller with primary side regulation (PSR), targeting LED lighting applications. The device eliminates the opto-couplers or the secondary feedback circuits, which will help to cost down the whole system. High power factor is achieved by constant on time operation. In order to reduce the switching losses and improve EMI performance, quasi-resonant switching mode is applied. The AL1663/AL1663R integrates multiple protections including UVLO protection, VCC over voltage protection, output open voltage protection, over current protection, thermal fold-back protection and over temperature protection. The AL1663/AL1663R can support multiple dimming modes including analog dimming mode, PWM-to-DC dimming mode and PWM dimming. T1 OUT + VCC OUT CS GND U1 R5 R6 R4 D1 C6 RTH AC Input F1 VR1 DB1 C2 L1 C1 RCS R10 FB COMP D2 C5 R14 C7 D3 Q1 Ccomp Aux PWMD R9 D4 AL1663 APWM Rcomp Cvcc Figure 1. AL1663 Typical Flyback Application Schematic T1 OUT + VCC OUT CS GND U1 R5 R6 R4 D1 C6 RTH AC Input F1 VR1 DB1 C2 L1 C1 RCS R10 FB COMP D2 C5 R14 C7 D3 Q1 Ccomp Aux NC R9 D4 AL1663R APWM Rcomp Cvcc Figure 2. AL1663R Flyback Application Circuit 9 12 15 18 21 24 27 290 295 300 305 310 V CC Voltage(V) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |