Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL1663 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL1663 Datasheet HTML 3Page - Diodes Incorporated AL1663 Datasheet HTML 4Page - Diodes Incorporated AL1663 Datasheet HTML 5Page - Diodes Incorporated AL1663 Datasheet HTML 6Page - Diodes Incorporated AL1663 Datasheet HTML 7Page - Diodes Incorporated AL1663 Datasheet HTML 8Page - Diodes Incorporated AL1663 Datasheet HTML 9Page - Diodes Incorporated AL1663 Datasheet HTML 10Page - Diodes Incorporated AL1663 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
7 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Performance Characteristics (Cont.)
Internal Reference Voltage vs. VCC Voltage
Note:
8. These electrical characteristics are tested under DC condition. The ambient temperature is equal to the junction temperature of the device.
Application Information
The AL1663/AL1663R is a constant current high PF Flyback and Buck-boost controller with primary side regulation (PSR), targeting LED lighting
applications. The device eliminates the opto-couplers or the secondary feedback circuits, which will help to cost down the whole system. High
power factor is achieved by constant on time operation. In order to reduce the switching losses and improve EMI performance, quasi-resonant
switching mode is applied. The AL1663/AL1663R integrates multiple protections including UVLO protection, VCC over voltage protection, output
open voltage protection, over current protection, thermal fold-back protection and over temperature protection. The AL1663/AL1663R can support
multiple dimming modes including analog dimming mode, PWM-to-DC dimming mode and PWM dimming.
T1
OUT
+
VCC
OUT
CS
GND
U1
R5
R6
R4
D1
C6
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
RCS
R10
FB
COMP
D2
C5
R14
C7
D3
Q1
Ccomp
Aux
PWMD
R9
D4
AL1663
APWM
Rcomp
Cvcc
Figure 1. AL1663 Typical Flyback Application Schematic
T1
OUT
+
VCC
OUT
CS
GND
U1
R5
R6
R4
D1
C6
RTH
AC
Input
F1
VR1
DB1
C2
L1
C1
RCS
R10
FB
COMP
D2
C5
R14
C7
D3
Q1
Ccomp
Aux
NC
R9
D4
AL1663R
APWM
Rcomp
Cvcc
Figure 2. AL1663R Flyback Application Circuit
9
12
15
18
21
24
27
290
295
300
305
310
V
CC
Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com