Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84B30 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # BZX84B30
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZX84B30 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  BZX84B30 Datasheet HTML 1Page - SEC Electronics Inc. BZX84B30 Datasheet HTML 2Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BZX84Bxxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
13-Nov-2013 Rev. B
Page 2 of 2
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
ZENER VOLTAGE RANGE
(NOTE1)
MAXIMUM ZENER
IMPEDANCE (NOTE2)
MAXIMUM
REVERSE
CURRENT
TEMPERATURE
COEFFICENT OF
ZENER VOLTAGE
@ IZT=5mA
VZ@IZT
Min
Nom
Max
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Min
Max
TYPE
NUMBER
MARKING
CODE
V
V
V
mA
Ω
Ω
mA
μA
V
mV / °C
BZX84B2V4
2Z11
2.35
2.4
2.45
5
100
600
1.0
50
1
-3.5
0
BZX84B2V7
2Z12
2.65
2.7
2.75
5
100
600
1.0
20
1
-3.5
0
BZX84B3V0
2Z13
2.94
3.0
3.06
5
95
600
1.0
10
1
-3.5
0
BZX84B3V3
2Z14
3.23
3.3
3.37
5
95
600
1.0
5
1
-3.5
0
BZX84B3V6
2Z15
3.53
3.6
3.67
5
90
600
1.0
5
1
-3.5
0
BZX84B3V9
2Z16
3.82
3.9
3.98
5
90
600
1.0
3
1
-3.5
0
BZX84B4V3
2Z17
4.21
4.3
4.39
5
90
600
1.0
3
1
-3.5
0
BZX84B4V7
2Z1
4.61
4.7
4.79
5
80
500
1.0
3
2
-3.5
0.2
BZX84B5V1
2Z2
5
5.1
5.2
5
60
480
1.0
2
2
-2.7
1.2
BZX84B5V6
2Z3
5.49
5.6
5.71
5
40
400
1.0
1
2
-2.0
2.5
BZX84B6V2
2Z4
6.08
6.2
6.32
5
10
150
1.0
3
4
0.4
3.7
BZX84B6V8
2Z5
6.66
6.8
6.94
5
15
80
1.0
2
4
1.2
4.5
BZX84B7V5
2Z6
7.35
7.5
7.65
5
15
80
1.0
1
5
2.5
5.3
BZX84B8V2
2Z7
8.04
8.2
8.36
5
15
80
1.0
0.7
5
3.2
6.2
BZX84B9V1
2Z8
8.92
9.1
9.28
5
15
100
1.0
0.5
6
3.8
7.0
BZX84B10
2Z9
9.8
10
10.2
5
20
150
1.0
0.2
7
4.5
8.0
BZX84B11
2Y1
10.78
11
11.22
5
20
150
1.0
0.1
8
5.4
9.0
BZX84B12
2Y2
11.76
12
12.24
5
25
150
1.0
0.1
8
6.0
10.0
BZX84B13
2Y3
12.74
13
13.26
5
30
170
1.0
0.1
8
7.0
11.0
BZX84B15
2Y4
14.7
15
15.3
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX84B16
2Y5
15.68
16
16.32
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX84B18
2Y6
17.64
18
18.36
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX84B20
2Y7
19.6
20
20.4
5
55
225
1.0
0.1
14
14.4
18.0
BZX84B22
2Y8
21.56
22
22.44
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX84B24
2Y9
23.52
24
24.48
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX84B27
2Y10
26.46
27
27.54
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX84B30
2Y11
29.4
30
30.6
2
80
300
0.5
0.1
21
24.4
29.4
BZX84B33
2Y12
32.34
33
33.66
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX84B36
2Y13
35.28
36
36.72
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX84B39
2Y14
38.22
39
39.78
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
1.
Test with pulses. Period = 5 ms, pulse width =300 μs
2.
f = 1 K Hz
3.
Valid provided that device terminals are kept at ambient temperature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com