| Electronic Components Datasheet Search |
|
486DX4 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
486DX4 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() ST 486 DX ASIC CORE 6/8 ® A range of bus master/bus slave/bus monitor VHDL models are also available for high level 486 bus debug operations. SYHTHESIS AND STATIC TIMING ANALYSIS The Synopsys Design Compiler synthesis tool family can be used for gate level synthesis and static timing analysis. Interface to the back end place and route engine allows for design specific wire load models to be used during the synthesis phase. Synopsys library views for the standard cell libraries and high-level functional modules (such as the ST486DX core) are used to perform static timing analysis at block level, intra-block level and at the top chip level. Usage of Synopsys Test Compiler enables the insertion of full or partial scan and also IEEE JTAG boundary scan insertion. DELAY EVALUATION AND GATE LEVEL SIMUATION All cell timing information used for gate level simulation and static timing analysis will be generated by the SGS-Thomson proprietary delay evaluator called EARLY. This suite of programs evaluates delays using operating condition information, input slope conditions and estimated (pre-layout) parasitic capacitance or calculated (post-layout) parasitic resistance and capacitance. The output is in SDF format that can be annotated into the gate level simulator and static timing analysis tool. Place and Route This is performed on a module by module basis, and then at the top level using the Cadence cell 3 layout tool. Interface to floorplanning tools (e.g. Preview, ChipPlanner) will allow customisable wire load models to be passed back to the synthesis environment and also help in the reduction of routing congestion which leads to smaller die size and fewer iterations of the design post-layout. RTL HDL TES T CO MP ILE R LOGIC SYNTHE SIS FLOORPLAN S YNOPSY S SYNOPSY S MANAG ER GATE LEV EL SIMULATION TSS I BEHAVIOURA L HDL FLO OR PLANNING BUS / MASTER MODEL BUS FUNCTIONAL MODE L MODEL SO URCE HARDWARE MO DEL DELAY EVA LUATION AND CLO CK TRE E SYNTHESIS BLOCK LEVEL AND CHIP LE VEL PLACE AND ROUTE CELL 3 VHDL / Verilog VHDL / Verilog 486 Views Verilog Netlist SDF SDF VHDL / Verilog Wire Loads & Placement data VHDL/ Verilog Co-simulation Cadence Leapfrog Figure 4. Design Flow |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |