Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS3C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS3C
Description  SURFACE MOUNT SUPER FAST RECTIFERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS3C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS3C Datasheet HTML 1Page - List of Unclassifed Manufacturers FS3C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FS3
Rating And Characteristic Curves
FORWARD CURRENT DERATING CURVE
Lead temperature (ºC)
0
50
175
25
75
150
125
100
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
P.C.B. MOUNTED on
8.0 x 8.0 mm.
COPPER PAD AREAS
TYPICAL REVERSE CHARACTERISTIC
20
60
100
Percent of rated peak
reverse Voltage, %
10
1
0.1
40
80 100 120
T = 25 ºC
j
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
1
Number of cycles at 60 Hz
2 4
6
10
100
40
20
200
100
10
TYPICAL JUNCTION
CAPACITANCE
0.1
0.4 1.0
10
40 100
10
4
100
V , reverse voltage (V)
R
T = 25 ºC
j
f = 1 MHz
TYPICAL FORWARD CHARACTERISTIC
0.8
0.9
1
1.1 1.2 1.3
V
F, instantaneous forward
voltage (V)
0.7
0.6
T = 25 ºC
j
140
T = 125 ºC
j
100
10
1
0.1
Jun - 03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com