| Electronic Components Datasheet Search |
|
LTC4267IGN Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4267IGN Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 32 page ![]() LTC4267 4 4267f Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: PVCC internal clamp circuit self regulates to 9.4V with respect to PGND. Note 3: The LTC4267 operates with a negative supply voltage in the range of – 1.5V to – 57V. To avoid confusion, voltages for the PD interface are always referred to in terms of absolute magnitude. Terms such as “maximum negative voltage” refer to the largest negative voltage and a “rising negative voltage” refers to a voltage that is becoming more negative. Note 4: The LTC4267 is designed to work with two polarity protection diode drops between the PSE and PD. Parameter ranges specified in the Electrical Characteristics section are with respect to this product pins and are designed to meet IEEE 802.3af specifications when these diode drops are included. See the Application Information section. Note 5: Signature resistance is measured via the two-point ΔV/ΔI method as defined by IEEE 802.3af. The PD signature resistance is offset from the 25kΩ to account for diode resistance. With two series diodes, the total PD resistance will be between 23.75kΩ and 26.25kΩ and meet IEEE 802.3af specifications. The minimum probe voltages measured at the LTC4267 pins are – 1.5V and – 2.5V. The maximum probe voltages are – 8.5V and – 9.5V. Note 6: The PD interface includes hysteresis in the UVLO voltages to preclude any start-up oscillation. Per IEEE 802.3af requirements, the PD will power up from a voltage source with 20Ω series resistance on the first trial. Note 7: Dynamic Supply current is higher due to the gate charge being delivered at the switching frequency. Note 8: IVPORTN_CLASS does not include classification current programmed at the RCLASS pin. Total current in classification mode will be IVPORTN_CLASS + ICLASS (See note 9). Note 9: ICLASS is the measured current flowing through RCLASS. ΔICLASS accuracy is with respect to the ideal current defined as ICLASS = 1.237/ RCLASS. The current accuracy does not include variations in RCLASS resistance. The total classification current for a PD also includes the IC quiescent current (IVPORTN_CLASS). See Applications Information. Note 10: For the DHC package, this parameter is assured by design and wafer level testing. Note 11: To disable the 25kΩ signature, tie SIGDISA to VPORTP or hold SIGDISA high with respect to VPORTN. See Applications Information. Note 12: The switching regulator is tested in a feedback loop that servos VFB to the output of the error amplifier while maintaining ITH/RUN at the midpoint of the current limit range. Note 13: IPOUT_LEAK includes current drawn through POUT by the power good status circuit. This current is compensated for in the 25kΩ signature resistance and does not affect PD operation. Note 14: The LTC4267 PD Interface includes thermal protection. In the event of an overtemperature condition, the PD interface will turn off the switching regulator until the part cools below the overtemperature limit. The LTC4267 is also protected against thermal damage from incorrect classification probing by the PSE. If the LTC4267 exceeds the overtemperature threshold, the classification load current is disabled. Note 15: The PD interface includes dual level input current limit. At turn- on, before the POUT load capacitor is charged, the PD current level is set to a low level. After the load capacitor is charged and the POUT – VPORTN voltage difference is below the power good threshold, the PD switches to high level current limit. The PD stays in high level current limit until the input voltage drops below the UVLO turn-off threshold. Note 16: Peak current sense voltage is reduced dependent on duty cycle and an optional external resistor in series with the SENSE pin (RSL). For details, refer to the programmable slope compensation feature in the Applications Information section. Note 17: Guaranteed by design. Note 18: The PD interface includes overtemperature protection that is intended to protect the device from momentary overload conditions. Junction temperature will exceed 125°C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability. ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS tRISE NGATE Drive Rise Time CLOAD = 3000pF, PVCC – PGND = 8V 40 ns tFALL NGATE Drive Fall Time CLOAD = 3000pF, PVCC – PGND = 8V 40 ns VIMAX Peak Current Sense Voltage RSL = 0, PVCC – PGND = 8V (Note 16) ● 90 100 115 mV ISLMAX Peak Slope Compensation Output Current PVCC – PGND = 8V (Note 17) 5 µA tSFST Soft-Start Time PVCC – PGND = 8V 1.4 ms TSHUTDOWN Thermal Shutdown Trip Temperature (Notes 14, 18) 140 °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |