| Electronic Components Datasheet Search |
|
NET2890 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NET2890 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 73 page ![]() Specification NET2890 USB Interface Controller ____________________________________________________________________________________ NetChip Technology, Inc., 1999 335 Pioneer Way, Mountain View, California 94041 TEL (650) 526-1490 FAX (650) 526-1494 http://www.netchip.com Rev 2.0, Draft 9, July 16, 1999 21 4.5.2.1 Control Read Transfer A successful control read transfer from Control Endpoint 0 consists of the following: Transaction Stage Packet Contents # of bytes Source Setup Setup Token SETUP PID, address, endpoint, and CRC5 3 Host Data DATA0 PID, 8 data bytes, and CRC16 11 Host Status ACK 1 NET2890 Data (zero, one, or more packets) IN Token IN PID, address, endpoint, and CRC5 3 Host Data (1/0) DATA PID, N data bytes, and CRC16 N+3 NET2890 Status ACK 1 Host Status OUT Token OUT PID, address, endpoint, and CRC5 3 Host Data DATA1 PID, zero length packet, and CRC5 3 Host Status ACK 1 NET2890 The Setup transaction is processed in the same way as for control write transfers. During the Data transaction, zero, one or more data packets are read from the Endpoint 0 FIFO. For each packet: • Interrupt status bits are set and can interrupt the local CPU • The local CPU writes data to the FIFO • If there is no data in the FIFO, a NAK or zero length packet is returned to the host • The Host returns an ACK to the NET2890 if no error has occurred. For a successful Status transaction, the Host sends a zero length data packet, and the NET2890 responds with an ACK. A NAK or STALL can be returned if an error occurred. 4.5.2.2 Control Read Transfer Details For control read transfers, the host first sends eight bytes of setup information. The setup bytes are stored into an 8-byte register bank that can be accessed from the local CPU. After the eight bytes have been stored into the Setup Registers, the Setup Packet Interrupt status bit is set. If this interrupt is enabled, the local interrupt IRQ# pin is asserted. The NET2890 will not respond to the host if the Setup Packet Interrupt status bit is still set from a previous setup packet, and a new setup packet arrives from the host. This prevents the eight bytes of the previous setup packet from being over-written before the local CPU has read them. The local CPU then reads the 8-byte setup packet and prepares to respond to the optional Data transactions. The number of bytes to be transferred in the Data transactions is specified in the setup packet. When the setup packet is received, the Control Status Phase Handshake bit is automatically set. While this bit is set, the control status phase will be acknowledged with a NAK, allowing the local CPU to prepare its handshake response (ACK or STALL). Once the Control Status Phase Handshake bit is cleared, the ACK or STALL handshake will be returned to the host. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |