Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOW296 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOW296
Description  100V N-Channel AlphaSGT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW296 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOW296 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOW296 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AOW296/AOWF296
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=100V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
2.3
2.9
3.4
V
7.9
9.7
TJ=125°C
13.6
16.6
9.4
12.2
mΩ
gFS
62
S
VSD
0.7
1
V
IS
70
A
IS
30
A
Ciss
2785
pF
Coss
238
pF
Crss
12
pF
Rg
0.25
0.55
0.85
Ω
Qg(10V)
37
52
nC
Qgs
11.5
nC
Qgd
5
nC
Qoss
Output Charge
VGS=0V, VDS=50V
37
nC
tD(on)
13
ns
tr
8.5
ns
tD(off)
29
ns
mΩ
VGS=10V, VDS=50V, ID=20A
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Gate resistance
f=1MHz
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
RDS(ON)
Static Drain-Source On-Resistance
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Turn-On DelayTime
VDS=0V, VGS=±20V
Maximum Body-Diode Continuous Current
G
AOW296
Input Capacitance
Gate-Body leakage current
Diode Forward Voltage
DYNAMIC PARAMETERS
VGS=6V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=50V, f=1MHz
VDS=VGS, ID=250µA
Output Capacitance
Forward Transconductance
Turn-Off DelayTime
VGS=10V, VDS=50V, RL=2.5Ω,
RGEN=3Ω
Turn-On Rise Time
IS=1A, VGS=0V
VDS=5V, ID=20A
VGS=10V, ID=20A
Maximum Body-Diode Continuous Current
AOWF296
tD(off)
29
ns
tf
4
ns
trr
35
ns
Qrr
210
nC
APPLICATIONS OR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE
PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, di/dt=500A/µs
Turn-Off DelayTime
Turn-Off Fall Time
RGEN=3Ω
IF=20A, di/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation P
DSM is based on R
θJA t≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
I. The spike duty cycle 5% max, limited by junction temperature T
J(MAX)=125°C
.
Rev.1.0: February 2017
www.aosmd.com
Page 2 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com