Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTPLREG Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HTPLREG
Description  HIGH TEMPERATURE POSITIVE LINEAR REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTPLREG Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HTPLREG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTPLREG Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HTPLREG
900216 Rev. A
01-04
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS (1)
(1) Stresses in excess of those listed above may result
in permanent damage. These are stress ratings
only, and operation at these levels is not implied.
Frequent or extended exposure to absolute
maximum conditions may affect device reliability.
+5V Output and TA = -55 to +225
°C, unless otherwise specified
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
Cl
a
c
i
p
y
T.
n
i
M.
x
a
Ms
t
i
n
U
T
U
O
V
;
e
g
a
t
l
o
v
t
u
p
t
u
O
A
m
0<
A
m
0
0
5
<
t
u
o
I
5
0
G
E
R
L
P
T
H
0
1
G
E
R
L
P
T
H
2
1
G
E
R
L
P
T
H
5
1
G
E
R
L
P
T
H
V
0
.
8<
N
I
V<
V
5
2
V
0
.
3
1<
N
I
V<
V
8
2
V
0
.
5
1<
N
I
V<
V
8
2
V
0
.
8
1<
N
I
V<
V
8
2
0
0
.
5
0
0
.
0
1
0
0
.
2
1
0
0
.
5
1
5
7
.
4
0
5
.
9
0
4
.
1
1
5
2
.
4
1
5
2
.
5
0
5
.
0
1
0
6
.
2
1
5
7
.
5
1
s
t
l
o
V
Y
B
D
T
S
_
Id
a
o
l
o
n
,
t
n
e
r
r
u
c
y
l
p
p
u
Sd
a
o
l
o
n
,
V
0
1
=
n
i
V
—
6
.
05
.
1A
m
G
E
R
_
E
N
I
Ln
o
i
t
a
l
u
g
e
r
e
n
i
LA
m
0
5
=
t
u
o
I
—
0
6
—
B
d
T
U
O
_
Re
c
n
a
t
s
i
s
e
r
t
u
p
t
u
OV
0
1
=
n
i
V
——
0
3
.
0s
m
h
O
V
_
P
O
R
De
g
a
t
l
o
v
t
u
o
p
o
r
DA
m
0
5
2
=
t
u
o
I
——
0
.
3s
t
l
o
V
T
I
M
I
L
_
Id
l
o
h
s
e
r
h
t
t
i
m
il
t
n
e
r
r
u
CV
0
1
=
N
I
V0
8
50
0
50
0
8A
m
T
R
O
H
S
_
It
n
e
r
r
u
c
t
i
u
c
r
i
c
t
r
o
h
SV
5
2
=
N
I
V0
5
60
0
40
0
0
1A
m
V
_
N
D
T
U
H
S
d
l
o
h
s
e
r
h
t
n
w
o
d
t
u
h
S
.
n
i
p
N
D
H
S
N
n
o
e
g
a
t
l
o
v
V
0
2
=
N
I
V
A
m
0
0
3
=
t
u
o
I
7
.
1
——
s
t
l
o
V
N
D
T
U
H
S
_
L
I
It
n
e
r
r
u
c
p
u
ll
u
p
n
w
o
d
t
u
h
S
—
0
0
10
50
5
2s
p
m
A
µ
E
S
I
O
Ne
s
i
o
n
t
u
p
t
u
OA
m
0
0
5
=
t
u
o
I
——
2S
M
R
/
v
m
E
L
P
P
I
Rz
H
0
2
1
@
n
o
i
t
c
e
j
e
r
e
l
p
p
i
RA
m
0
0
5
=
t
u
o
I
—
6
6
—
B
d
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
r
r
u
C
t
u
p
t
u
OI T
U
O
0
.
1A
m
e
g
a
t
l
o
V
t
u
p
n
IV N
I
0
3
+C
D
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST T
S
5
2
3
+
o
t
5
6
-C
°
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
Pd
P6
W
e
p
y
TV N
I
V T
U
O
C
T
5
0
G
E
R
L
P
T
HV
5
2
-
8V
5
C
T
0
1
G
E
R
L
P
T
HV
8
2
-
3
1V
0
1
C
T
2
1
G
E
R
L
P
T
HV
8
2
-
5
1V
2
1
C
T
5
1
G
E
R
L
P
T
HV
8
2
-
8
1V
5
1
PACKAGE DRAWING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com