Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS358B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS358B
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358B Datasheet(HTML) 4 Page - Diodes Incorporated

  AS358B Datasheet HTML 1Page - Diodes Incorporated AS358B Datasheet HTML 2Page - Diodes Incorporated AS358B Datasheet HTML 3Page - Diodes Incorporated AS358B Datasheet HTML 4Page - Diodes Incorporated AS358B Datasheet HTML 5Page - Diodes Incorporated AS358B Datasheet HTML 6Page - Diodes Incorporated AS358B Datasheet HTML 7Page - Diodes Incorporated AS358B Datasheet HTML 8Page - Diodes Incorporated AS358B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 6 - 2
4 of 19
www.diodes.com
May 2018
© Diodes Incorporated
AS358/358A/358B
Functional Block Diagram
Q2
Q4
Q3
Q1
Q8
Q9
6
A
4
A
Q10
Q11
50
A
Q5
Q6
Q13
Rsc
Cc
100
A
Q7
INPUTS
+
-
OUTPUT
Q12
VCC
Absolute Maximum Ratings (Notes 4 & 5)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
40
V
VID
Differential Input Voltage
40
V
VIC
Input Voltage
-0.3 to 40
V
PD
Power Dissipation (TA = +25°C)
PDIP-8
830
mW
SO-8
550
TSSOP-8
500
MSOP-8
470
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 Seconds)
+260
°C
Notes: 4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. ESD sensitivity.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
3
36
V
TA
Ambient Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com