Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH12R06DI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH12R06DI
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12R06DI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH12R06DI Datasheet HTML 1Page - STMicroelectronics STTH12R06DI Datasheet HTML 2Page - STMicroelectronics STTH12R06DI Datasheet HTML 3Page - STMicroelectronics STTH12R06DI Datasheet HTML 4Page - STMicroelectronics STTH12R06DI Datasheet HTML 5Page - STMicroelectronics STTH12R06DI Datasheet HTML 6Page - STMicroelectronics STTH12R06DI Datasheet HTML 7Page - STMicroelectronics STTH12R06DI Datasheet HTML 8Page - STMicroelectronics STTH12R06DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Charactersitics
STTH12R06
2/11
1
Charactersitics
To evaluate the conduction losses use the following equation:
P = 1.16 x IF(AV) + 0.053 IF
2
(RMS)
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward voltage
TO-220AC / TO-220FPAC / D2PAK
30
A
TO-220AC Ins.
24
IF(AV)
Average forward current
δ =
0.5
TO-220AC / D2PAK
Tc = T125° C
12
A
TO-220FPAC
Tc = 50° C
TO-220AC Ins.
Tc = 80° C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
100
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2.
Thermal Resistance
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
TO-220AC / D2PAK
1.7
°C/W
TO-220FPAC
4.4
TO-220AC Ins.
3.3
Table 3.
Static Electrical Characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25° C
VR = VRRM
45
µA
Tj = 125° C
50
600
VF
Forward voltage drop
Tj = 25° C
IF = 12 A
2.9
V
Tj = 125° C
1.4
1.8
Table 4.
Dynamic Characteristics
Symbol
Parameter
Test conditions
Min Typ Max
Unit
trr
Reverse recovery time
Tj = 25° C
IF = 0.5 A Irr = 0.25 A IR = 1 A
25
ns
IF = 1 A dIF/dt = -50 A/µs VR = 30 V
45
IRM
Reverse recovery current
Tj = 125° C
IF = 12 A
VR = 400 V
dIF/dt = -200 A/µs
7.0
8.4
A
S factor Softness factor
0.2
Qrr
Reverse recovery charges
180
nC
tfr
Forward recovery time
Tj = 25° C
IF = 12 A
dIF/dt = 96 A/µs
VFR = 1.1 x VFmax
200
ns
VFP
Forward recovery voltage
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com