Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASIMRF752 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASIMRF752
Description  NPN SILICON RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIMRF752 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIMRF752 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 25 mA
13
V
BVCES
IC = 25 mA
25
V
BVEBO
IE = 3.0 mA
4.0
V
ICBO
VCB = 9.0 V
1.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
20
85
---
Cob
VCB = 7.5 V
f = 1.0 MHz
27
35
pF
GPE
ηηηη
VCC = 7.5 V
Pout = 2.5 W
f = 470 MHz
8.0
55
9.0
dB
%
NPN SILICON RF TRANSISTOR
MRF752
DESCRIPTION:
The
ASI MRF752 is Designed for
UHF Large Signal Amplifier Application
from 407 to 512 MHz, and 5.0 to 10 V.
FEATURES INCLUDE:
• High Power Gain
• Infinite VSWR
MAXIMUM RATINGS
IC
1.2 A
VCE
13 V
PDISS
15 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
11.7 °C/W
PACKAGE STYLE .280" 4L PILL
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER
1
2
3
4


Similar Part No. - ASIMRF752

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASIMRF172 ASI-ASIMRF172 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
ASIMRF234 ASI-ASIMRF234 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASIMRF260 ASI-ASIMRF260 Datasheet
29Kb / 1P
SILICON NPN RF POWER TRANSISTOR
ASIMRF264 ASI-ASIMRF264 Datasheet
30Kb / 1P
SILICON NPN RF POWER TRANSISTOR
REV. A
ASIMRF315A ASI-ASIMRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - ASIMRF752

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com