Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF009 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF009 Datasheet HTML 2Page - Micrel Semiconductor MICRF009 Datasheet HTML 3Page - Micrel Semiconductor MICRF009 Datasheet HTML 4Page - Micrel Semiconductor MICRF009 Datasheet HTML 5Page - Micrel Semiconductor MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor MICRF009 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel
MICRF009
January 18, 2005
6
M9999-011805
(408) 955-1690
Functional Diagram
Figure 1. MICRF009 Block Diagram
Application Information and Function
Description
Refer to “MICRF009 Block Diagram.” Identified in the block
diagram are the three sections of the IC: 1) UHF
Downconverter, 2) OOK Demodulator, 3) Reference and
Control. Also shown in the figure are two capacitors (CTH,
CAGC) and one timing component, which is usually a
crystal or ceramic resonator. With the exception of a supply
decoupling capacitor and antenna impedance matching
network, these are the only external components needed
by the MICRF009 to assemble a complete UHF receiver.
For optimal performance it is highly recommended that the
MICRF009 is impedance-matched to the antenna. The
matching network will add additional two or three
components.
Four control inputs are shown in the block diagram: SEL0,
SEL1, SWEN, and SHUT. Using these logic inputs, the
user can control the operating mode and selectable
features of the IC. These inputs are CMOS compatible and
are internally pulled-up. The IF Bandpass Filter Roll-off
response of the IF Filter is 5th order, while the demodulator
data filter exhibits a 2nd order response.
Design Steps
The following steps are the basic design steps for using the
MICRF009 receiver:
1. Select the operating mode (sweep or fixed)
2. Select the reference oscillator
3. Select the demodulator filter bandwidth
4. Select the CTH capacitor
5. Select the CAGC capacitor
Step 1: Selecting The Operating Mode
Fixed-Mode Operation
For applications where the transmit frequency is set
accurately (that is, applications where a SAW or crystal-
based transmitter is used), the MICRF009 may be
configured as a standard superheterodyne receiver (fixed-
mode). In fixed-mode operation, the RF bandwidth is
narrower making the receiver less susceptible to interfering
signals. Fixed-mode is selected by connecting SWEN to
ground.
Sweep-Mode Operation
When used in conjunction with low-cost LC transmitters,
the MICRF009 should be configured in sweep-mode. In
sweep-mode, while the topology is still superheterodynes,
the local oscillator (LO) is swept over a range of
frequencies at rates greater than the data rate. This
technique effectively increases the RF bandwidth of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com