Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT5-2P/S-R Datasheet(PDF) 3 Page - Hirose Electric

Part # GT5-2P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2P/S-R Datasheet(HTML) 3 Page - Hirose Electric

  GT5-2P/S-R Datasheet HTML 1Page - Hirose Electric GT5-2P/S-R Datasheet HTML 2Page - Hirose Electric GT5-2P/S-R Datasheet HTML 3Page - Hirose Electric GT5-2P/S-R Datasheet HTML 4Page - Hirose Electric GT5-2P/S-R Datasheet HTML 5Page - Hirose Electric GT5-2P/S-R Datasheet HTML 6Page - Hirose Electric GT5-2P/S-R Datasheet HTML 7Page - Hirose Electric GT5-2P/S-R Datasheet HTML 8Page - Hirose Electric GT5-2P/S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
9
GT5 Series ● For Antenna
A
A
Part No.
HRS No.
Material
/Plating or Color
Conductor Size (AWG) Inner Insulation
Diameter
Outer Diameter
A
Packaging
RoHS
GT5-30/0.7-1.5SCF(70)
755-0065-1 70
Insulator
:PBT/Dark Gray
Center terminal
:Phosphor bronze/
Tin plating
Outer terminal
:Brass/Tin plating
30 AWG
Ø0.6 to 0.9 Ø1.4 to 1.8 22.7
1,300 pcs/reel
YES
GT5-2428/1.1-2.2SCF
755-0123-6-70
24 to 28 AWG
Ø1.0 to 1.4 Ø2.0 to 2.4
21.7
GT5-2428/1.6-2.5SCF(70)
755-0078-3 70
Ø1.5 to 2.0
Ø2.3 to 2.7
GT5-30/1.6-2.9SCF(70)
755-0022-9 70
30 AWG
Ø2.6 to 3.4
GT5-2428/1.6-2.9SCF(70)
755-0002-1 70
24 to 28 AWG
GT5-2022/1.6-2.9SCF(70)
755-0071-4 70
20 to 22 AWG
GT5-2022/F2.7-3.5SCF(70) 755-0077-0 70
Ø2.0 to 2.5 Ø3.3 to 3.7
22.7
1,100 pcs/reel
GT5-2022/F3.3-3.8SCF(70) 755-0054-5 70
Ø2.5 to 2.9
Ø3.6 to 4.0
GT5-30/F3.3-5SCF(70)
755-0016-6 70
30 AWG
Ø4.6 to 5.0
GT5-2428/F3.3-5SCF(70)
755-0012-5 70
24 to 28 AWG
GT5-2022/F3.3-5SCF(70)
755-0034-8 70
20 to 22 AWG
GT5-30/F4-5SCF(70)
755-0020-3 70
30 AWG
Ø3.0 to 3.6
GT5-2428/F4-5SCF(70)
755-0024-4 70
24 to 28 AWG
GT5-2022/F4-5SCF(70)
755-0036-3 70
20 to 22 AWG
Note : Products marked with an asterisk (*) indicate polyethylene foam insulation.
Terminals for coaxial cable
F Connector Terminals
A
Terminals for M Connector
Terminals for Low-insertion M Connector
Part No.
HRS No.
Material
/Plating or Color
Conductor Size (AWG) Inner Insulation
Diameter
Outer Diameter
A
Packaging
RoHS
GT5-30/0.7-1.5PCF(70)
755-0017-9 70
Insulator
:PBT/Dark Gray
Center terminal
:Brass/Tin plating
Outer terminal
:Brass/Tin plating
30 AWG
Ø0.6 to 0.9 Ø1.4 to 1.8 24.05
900 pcs/reel
YES
GT5-30/1.6-2.9PCF(70)
755-0021-6 70
Ø1.5 to 2.0 Ø2.6 to 3.4 23.05
GT5-2428/1.6-2.9PCF(70)
755-0001-9 70
24 to 28 AWG
GT5-2022/1.6-2.9PCF(70)
755-0094-0 70
20 to 22 AWG
GT5-2022/F2.7-3.5PCF(70) 755-0076-8 70
Ø2.0 to 2.5 Ø3.3 to 3.7
24.05
GT5-2022/F3.3-3.8PCF(70) 755-0053-2 70
Ø2.5 to 2.9
Ø3.6 to 4.0
GT5-30/F3.3-5PCF(70)
755-0015-3 70
30 AWG
Ø4.6 to 5.0
GT5-2428/F3.3-5PCF(70)
755-0011-2 70
24 to 28 AWG
GT5-2022/F3.3-5PCF(70)
755-0033-5 70
20 to 22 AWG
GT5-30/F4-5PCF(70)
755-0019-4 70
30 AWG
Ø3.0 to 3.6
GT5-2428/F4-5PCF(70)
755-0023-1 70
24 to 28 AWG
GT5-2022/F4-5PCF(70)
755-0035-0 70
20 to 22 AWG
Note : Products marked with an asterisk (*) indicate polyethylene foam insulation.
Part No.
HRS No.
Material
/Plating or Color
Conductor Size (AWG) Inner Insulation
Diameter
Outer Diameter
A
Packaging
RoHS
GT5L-30/0.7-1.5PCF(70)
755-0068-0 70
Insulator
:PBT/Dark Gray
Center terminal
:Brass/Tin plating
Outer terminal
:Brass/Tin plating
30 AWG
Ø0.6 to 0.9 Ø1.4 to 1.8 24.05
900 pcs/reel
YES
GT5L-2428/1.6-2.5PCF(70) 755-0079-6 70
24 to 28 AWG
Ø1.5 to 2.0
Ø2.3 to 2.7
23.05
GT5L-30/1.6-2.9PCF(70)
755-0067-7 70
30 AWG
Ø2.6 to 3.4
GT5L-2428/1.6-2.9PCF(70) 755-0066-4 70
24 to 28 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com