Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICROFOX-R-ESD Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # MICROFOX-R-ESD
Description  Mirror-polished and phosphate-treated metal surfaces for optimum rust protection and no glare when working
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MICROFOX-R-ESD Datasheet(HTML) 1 Page - PHOENIX CONTACT

  MICROFOX-R-ESD Datasheet HTML 1Page - PHOENIX CONTACT MICROFOX-R-ESD Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1212481
08.08.2012   Page 1 / 2
Pointed pliers - MICROFOX-R ESD - 1212481
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
ESD electronic round-nose pliers, smooth grip, with opening spring, non-reflective coating and
phosphate-treated, 2-component grip
Why buy this product
 Ergonomically designed two-component handles for fatigue-proof and non-slip use
 Opening spring for uniform, smooth opening
 Mirror-polished and phosphate-treated metal surfaces for optimum rust protection and no glare when working
 Made from special high-grade tool steel
 Screwed precision-joint for permanent stability and optimum results
 The special conductive plastic handles ensure slow and safe removal of electrostatic energy according to standards and directives
such as DIN EN 61340-5
 
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 261 (CL2-2011)
GTIN
Custom tariff number
82032000
Country of origin
GERMANY
Technical data
General
Length (b)
125 mm
Weight
70 g
Classifications
eclass
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301


Similar Part No. - MICROFOX-R-ESD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-R-ESD-DB PHOENIX-MICROFOX-R-ESD-DB Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results

Similar Description - MICROFOX-R-ESD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28940 ETC2-28940 Datasheet
139Kb / 1P
Selected sanding and polishing bits for all surfaces and longest
TW1128 ETC2-TW1128 Datasheet
27Kb / 1P
High quality steel plated and polished.
logo
PANDUIT CORP.
C300X038TJJ PANDUIT-C300X038TJJ Datasheet
72Kb / 1P
OPTIMUM C300X038TJJ AND C300X038YJJ
logo
Abracon Corporation
ART915X2509EP60-IC ABRACON-ART915X2509EP60-IC Datasheet
456Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X3030YZ30-IC ABRACON-ART915X3030YZ30-IC Datasheet
392Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X25275YZ25-IC ABRACON-ART915X25275YZ25-IC Datasheet
365Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART923X1015YZ10-IC ABRACON-ART923X1015YZ10-IC Datasheet
388Kb / 3P
Suitable for non-metal surfaces
06/27/2016
logo
SICK AG
PM3S96-00230060 SICK-PM3S96-00230060 Datasheet
205Kb / 4P
MIRROR COLUMNS AND DEVICE COLUMNS
PU3H17-00000000 SICK-PU3H17-00000000 Datasheet
215Kb / 4P
MIRROR COLUMNS AND DEVICE COLUMNS
2016-10-10
logo
PHOENIX CONTACT
MICROFOX-SB PHOENIX-MICROFOX-SB Datasheet
49Kb / 2P
Mirror-polished and oiled metal surfaces, which provide maximum rust protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com