Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM3C Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # XM3C
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3C Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button XM3C Datasheet HTML 6Page - Omron Electronics LLC XM3C Datasheet HTML 7Page - Omron Electronics LLC XM3C Datasheet HTML 8Page - Omron Electronics LLC XM3C Datasheet HTML 9Page - Omron Electronics LLC XM3C Datasheet HTML 10Page - Omron Electronics LLC XM3C Datasheet HTML 11Page - Omron Electronics LLC XM3C Datasheet HTML 12Page - Omron Electronics LLC XM3C Datasheet HTML 13Page - Omron Electronics LLC XM3C Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
D-sub Connectors
XM3/XM2S
■ Combination Examples
Note: 1. 2 Anchors are required per connector. Anchors are not packaged in pairs
2. Applicable panel thickness is 1.3 mm max.
Hood
(XM2S-
@@1@)
Plug with Solder-cup Terminals
Sockets with Right-angle DIP
Terminals (With Anchor 2 and
Tap Hole Grounding Fixtures)
Sockets and Right-angle DIP
Terminals (With Anchor 2 and
Lock Pin Grounding Fixtures)
Sockets and Right-angle DIP
Terminals (no anchor or
grounding fixtures)
Sockets with Solder-cup Terminals
Anchor 1
(XM2Z-000
@)
Anchor 2
(XM2Z-001
@)
Anchor 3
(XM2Z-002
@)
Relaying Example
Anchor 1
Hood
Lock screw M2.6
× 0.45
(See note.)
Anchor 1
Note: Screw the lock screw of the Hood into the hole on Anchor 1.
Commercial
nut
Panel
Connector
Anchor 2
Commercial
screw
Panel
Anchor 1
Connector
Commercial
M3 nut
Panel
(t = 1.3 max.)
Connector
Anchor 3
Commercial
M3 nut
Panel
(t = 1.3 max.)
Anchor 3
XM3D
Panel mounting procedure
Not secured to the panel
Secured to the panel
Applicable anchors
Anchor 2
Anchor 1
Anchor 3 or M3 screws
Panel
dimensions
A min.
11.4 min.
Two, R3.2
6.4 min.
Four, R2.5
No. of contacts
A (mm)
9
15
25
37
31.0
39.4
53.3
69.6
No. of contacts
A (mm)
9
15
25
37
34.1
42.4
56.1
72.6
No. of contacts A (mm)
9
15
25
37
24.99
33.32
47.04
63.50
A min.
13 min.
Four, R1
11.4 min.
Four, R3.4
Two, 3.2
±0.1 dia.
B (mm)
20.5
28.8
42.5
59.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com