Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN182245CSSCX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245CSSCX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245CSSCX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button SCAN182245CSSCX Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 9Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245CSSCX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Description of BOUNDARY-SCAN Circuitry (Continued)
BOUNDARY-SCAN Register Definition Index
(Continued)
Bit No
Pin Name
Pin No
Pin Type
Scan Cell Type
26
B20
15
Input
TYPE1
B2–in
25
B21
16
Input
TYPE1
24
B22
18
Input
TYPE1
23
B23
19
Input
TYPE1
22
B24
21
Input
TYPE1
21
B25
22
Input
TYPE1
20
B26
24
Input
TYPE1
19
B27
25
Input
TYPE1
18
B28
27
Input
TYPE1
17
A10
55
Output
TYPE2
A1 – out
16
A11
53
Output
TYPE2
15
A12
52
Output
TYPE2
14
A13
50
Output
TYPE2
13
A14
49
Output
TYPE2
12
A15
47
Output
TYPE2
11
A16
46
Output
TYPE2
10
A17
44
Output
TYPE2
9A18
43
Output
TYPE2
8A20
42
Output
TYPE2
A2 – out
7A21
41
Output
TYPE2
6A22
39
Output
TYPE2
5A23
38
Output
TYPE2
4A24
36
Output
TYPE2
3A25
35
Output
TYPE2
2A26
33
Output
TYPE2
1A27
32
Output
TYPE2
0A28
30
Output
TYPE2
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com