Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM12PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FSM12PL
Description  1.0 Amp Fast Recover Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FSM12PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  FSM12PL Datasheet HTML 1Page - Nanjing International Group Co FSM12PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
Typical Reverse Characteristics
PERCENT OF PATED PEAK REVERSE VOLTAGE,(%)
0.04
0.1
1.0
0.4
0
20
40
60
80
100
120
140
0.01
4.0
10
100
Figure 4
TYPICAL CAPACITANCE
REVERSE VOLTAGE,(V)
1
0
10
5
Figure 3
Number Of Cycles At 60Hz - Cycles
NON-REPETITIVE FORWARD SURGE CURRENT
2
5
100
20
50
10
30
35
20
0.1 0.2 0.4
1.0
2.0
4.0
10 20
100
40
1
2
10
20
100
200
0
.2
.4
.6
.8
1.0
1.2 1.4
1.6
1.8
INTANTANEOUS FORWARD VOLTAGE (V)
Figure 2
TYPICAL INTANTANEOUS FORWARD
0
.01
0.1
1.0
10
CHARACTERISTICS
TJ=100
TJ=25
FSM11PL-FSM1
7PL
OC
OC
www.dgnjdz.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com