Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8260ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8260ACPZ-R7
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD8260
Data Sheet
Rev. B | Page 26 of 32
EVALUATION BOARD
Analog Devices provides evaluation boards to customers as a
support service so that the circuit designer can become familiar
with the device in the most efficient way possible. The AD8260
evaluation board provides a fast, easy, and convenient means to
assess the performance of the AD8260 before going through the
inconvenience and expense of design and layout of a custom
board. The board is shipped fully assembled and tested and
provides basic functionality as shipped. Connectors enable the
user to connect standard types of lab test equipment without
having to wait for the rest of the design to be completed. Figure 67
shows a digital image of the top view and Figure 70 shows the
schematic.
PCB artwork for all conductor and silkscreen layers is shown in
Figure 71 through Figure 76. A description of a typical test setup is
explained in the Connecting the Evaluation Board section. The
artwork can be used as a guide in circuit layout and parts
placement. This is particularly useful for multiple function
circuits with many pins, requiring multiple passive components.
The board is shipped with the device fully enabled. Moving the
ENABLE jumper to its upper position on the board disables the
device. When the TX_EN jumper is in its upper position, the
high current driver is disabled.
Figure 67. Top View of the AD8260-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com