Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD3870G-15-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LD3870G-15-AF5-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870G-15-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LD3870G-15-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD3870
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R102-027.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(Note 2)
V
Power Dissipation
PD
200
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note 1: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage.
ELECTRICAL CHARACTERISTICS
(VIN=VOUT+1V, CIN=0.1μF, COUT=4.7μF, Cp=0.01μF, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=30mA
-2%
+2%
V
Quiescent Current
IQ
IOUT=0mA, expect lCONT
200
300
μA
Quiescent Current
At Control OFF
IQ(OFF)
VCONT=0V
1000
nA
Output Current
IOUT
VOUT-0.3V
150
200
mA
Line Regulation
△
VOUT △
/VIN VIN=VOUT+1V ~ VOUT+6V, IOUT=30mA
0.10
%/V
Load Regulation
△
VOUT △
/IOUT IOUT=0 ~ 100mA
0.03
%/mA
Dropout Voltage
VD
IOUT=60mA
0.12
0.2
V
Ripple Rejection
RR
eIN=200mVrms, f=1kHz, IOUT=10mA,
VIN=VOUT+2V, VOUT=3V Version
60
dB
Average Temperature
Coefficient of Output Voltage
△
VOUT △
/TA
TA=0~85 , I
℃ OUT=10mA,
VOUT=3V Version
0.2
mV/°C
Output Noise Voltage
eN
f=10Hz ~ 80kHz, IOUT=10mA,
VOUT=3V Version
30
μVrms
Control Voltage
ON
VCONT(ON)
1.6
V
OFF
VCONT(OFF)
0.6
V
Note: The above specification is a common specification for all output voltages. Therefore, it may be different from
the individual specification for a specific output voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com