Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP3020TA-R33M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP3020TA-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP3020TA-R33M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP3020TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP3020TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP3020TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP3020TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP3020TA-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP3020TASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
L vs. I Charts
03
9
61215
SRP3020TA-R10Y
SRP3020TA-1R0M
SRP3020TA-R47M
SRP3020TA-1R5M
SRP3020TA-4R7M
SRP3020TA-8R2M
SRP3020TA-100M
SRP3020TA-5R6M
SRP3020TA-6R8M
SRP3020TA-2R2M
SRP3020TA-3R3M
0.180
0.144
0.108
0.072
0.036
0
DC Current (A)
01.6
4.8
3.26.4
8.0
DC Current (A)
75
60
45
30
15
0
100
80
60
40
20
0
DC Current (A)
0.35
0.28
0.21
0.14
0.07
0
SRP3020TA-R22Y
70
56
42
28
14
0
SRP3020TA-R33M
0.55
0.44
0.33
0.22
0.11
0
DC Current (A)
02.2
4.46.6
8.8
11.0
80
64
48
32
16
0
1.60
1.28
0.96
0.64
0.32
0
0.8
0.6
0.4
0.2
0
2.60
2.08
1.56
1.04
0.52
0
8.0
6.4
4.8
3.2
1.6
0
14.0
11.2
8.4
5.6
2.8
0
16.0
12.8
9.6
6.4
3.2
0
10
8
6
4
2
0
12.0
9.6
7.2
4.8
2.4
0
3.80
3.04
2.28
1.52
0.76
0
5.5
4.4
3.3
2.2
1.1
0
DC Current (A)
02.4
4.87.2
9.6
12.0
DC Current (A)
01.2
2.43.6
4.86.0
DC Current (A)
00.8
1.62.4
3.24.0
DC Current (A)
00.5
1.01.5
2.02.5
DC Current (A)
00.4
0.81.2
1.62.0
DC Current (A)
01
2345
DC Current (A)
01
2345
90
72
54
36
18
0
80
64
48
32
16
0
90
72
54
36
18
0
80
64
48
32
16
0
70
56
42
28
14
0
80
64
48
32
16
0
80
64
48
32
16
0
DC Current (A)
00.7
1.42.1
2.83.5
DC Current (A)
00.6
1.21.8
2.43.0
80
64
48
32
16
0
80
64
48
32
16
0
90
72
54
36
18
0
1.10
0.88
0.66
0.44
0.22
0
DC Current (A)
SRP3020TA-R68M
01.8
3.65.4
7.29.0
02.6
5.27.8
10.4
13.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com