Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP3012TA-R22M Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SRP3012TA-R22M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP3012TA-R22M Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SRP3012TA-R22M Datasheet HTML 1Page - Bourns Electronic Solutions SRP3012TA-R22M Datasheet HTML 2Page - Bourns Electronic Solutions SRP3012TA-R22M Datasheet HTML 3Page - Bourns Electronic Solutions SRP3012TA-R22M Datasheet HTML 4Page - Bourns Electronic Solutions SRP3012TA-R22M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SRP3012TASeries–ShieldedPowerInductors
Packaging Specifications
12.4+2/-0
(.488+.079/-0)
13.0+0.5/-0.2
(.512+.020/-.008)
DIA.
330
(12.992)
100±2
(3.937±.079)
3.8±0.1
(.150±.004)
3.5±0.1
(.138±.004)
3°
1.5±0.1
(.059±.004)
8.0±0.1
(.315±.004)
12.0±0.3
(.472±.012)
5.5±0.1
(.217±.004)
0.35±0.05
(.014±.002)
USER DIRECTION OF FEED
QTY:4,000PCSPERREEL
4.0
(.157)
1.75
(.069)
2.0
(.079)
2.0±0.5
(.079±.020)
330
(12.99)DIA.
13+0.5/-0.2
(.512+.020/-.008)
DIA.
DIMENSIONS:
MM
(INCHES)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
06/18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com