Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1598 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1598 Datasheet HTML 2Page - Linear Technology LTC1598 Datasheet HTML 3Page - Linear Technology LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology LTC1598 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1598
APPLICATIONS INFORMATION
INPUT DATA WORD
The LTC1598 uses its Chip Select and DIN pins to select
one of its eight channels as shown in the operating
sequence figures and Table 1. For this discussion we will
assume that CS MUX and CS ADC are tied together and will
refer to them as simply, CS.
When CS is high, the input data on the DIN pin is latched
into the 4-bit shift register on the rising edge of the clock.
The input data word consists of an “EN” bit and a string of
three bits for channel selection. If the “EN” bit is logic high
as illustrated in Operating Sequence 1, it enables the
selected channel. To ensure correct operation, the CS
must be pulled low before the next rising edge of the clock.
More than four input bits can be sent to the ADC without
problems. The channel will be determined by the last four
bits clocked in before CS falls.
Once the CS is pulled low, all channels are simulta-
neously switched off to ensure a break-before-make
interval. After a delay of tON, the selected channel is
switched on, allowing signal transmission. The selected
channel remains on, until the next falling edge of CS. After
a delay of tOFF, it terminates the analog signal transmis-
sion and switches to the next selected channel. If the
“EN” bit is logic low, as illustrated in Operating Sequence
2, it disables all channels. Table 1 shows the various bit
combinations for channel selection.
Table 1. Logic Table for Channel Selection
CHANNEL STATUS
EN
D2
D1
DO
All Off
0
X
X
X
CH0
1
0
0
0
CH1
1
0
0
1
CH2
1
0
1
0
CH3
1
0
1
1
CH4
1
1
0
0
CH5
1
1
0
1
CH6
1
1
1
0
CH7
1
1
1
1
ANALOG CONSIDERATIONS
Grounding
The LTC1598 should be used with an analog ground plane
and single-point grounding techniques. To achieve the
optimum performance use a printed circuit board. The
Ground pins (Pins 4 and 9) should be tied directly to the
ground plane with minimum lead length.
Bypassing
For good performance, the LTC1598 VCC and VREF pins
must be free of noise and ripple. Any changes in the VCC
and VREF voltages with respect to ground during the
conversion cycle can induce errors or noise in the output
code. Bypass the VCC and VREF pins directly to the analog
ground plane with minimum of 0.1
µF capacitors and lead
lengths as short as possible.
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1598 have
capacitive switching input current spikes. These current
spikes settle quickly and do not cause a problem. But if
large source resistances are used, or if slow settling op
amps drive the inputs, take care to ensure the transients
caused by the current spikes settle completely before the
conversion begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com