Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBS0550. Datasheet(PDF) 12 Page - ON Semiconductor

Part # FCBS0550.
Description  Smart Power Module (SPM)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCBS0550. Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FCBS0550. Datasheet HTML 8Page - ON Semiconductor FCBS0550. Datasheet HTML 9Page - ON Semiconductor FCBS0550. Datasheet HTML 10Page - ON Semiconductor FCBS0550. Datasheet HTML 11Page - ON Semiconductor FCBS0550. Datasheet HTML 12Page - ON Semiconductor FCBS0550. Datasheet HTML 13Page - ON Semiconductor FCBS0550. Datasheet HTML 14Page - ON Semiconductor FCBS0550. Datasheet HTML 15Page - ON Semiconductor FCBS0550. Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
11
www.fairchildsemi.com
FCBS0550 Rev. A
Note:
1. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme used in the application and the wiring impedance of the application’s
printed circuit board. The SPM input signal section integrates 3.3k
Ω (typ.) pull-down resistor. Therefore, when using an external filtering resistor, please pay attention to the sig-
nal voltage drop at input terminal.
2. The logic input is compatible with standard CMOS or LSTTL outputs.
Figure 9. Recommended CPU I/O Interface Circuit
Note:
1. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
2. The bootstrap resistor (RBS) should be 3 times greater than RE(H). The recommended value of RE(H) is 5.6Ω, but it can be increased up to 20Ω (maximum) for a slower dv/dt
of high-side.
3. The ceramic capacitor placed between VCC-COM should be over 1uF and mounted as close to the pins of the SPM as possible.
Fig. 10. Recommended Bootstrap Operation Circuit and Parameters
CPU
CO M
5V-Line
1nF
Ω
4.7k
,
,
IN
(U L)
IN
(VL)
IN
(W L)
,,
IN
(UH )
IN
(VH)
IN
(W H )
V
FO
Ω
100
1nF
SPM
R
PF=
C
PF
=
15V-Line
22uF
0.1uF
1000uF
1uF
One-Leg Diagram of SPM
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
Inverter
Output
P
N
These Values depend on PWM Control Algorithm
D
BS
R
BS
R
E(H)
V
SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com