Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR331M035ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SXR331M035ST
Description  Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR331M035ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SXR331M035ST Datasheet HTML 1Page - Cornell Dubilier Electronics SXR331M035ST Datasheet HTML 2Page - Cornell Dubilier Electronics SXR331M035ST Datasheet HTML 3Page - Cornell Dubilier Electronics SXR331M035ST Datasheet HTML 4Page - Cornell Dubilier Electronics SXR331M035ST Datasheet HTML 5Page - Cornell Dubilier Electronics SXR331M035ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Outline Drawing
Part Numbering System
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
SXR
101
M
100
S
T
Capacitance
Rated
Lead
Type
Capacitance
Tolerance
Voltage
Packaging
Configuration
SXR
(µF)
(%)
(Vdc)
A = Tape & Ammo
1 = Lead cut
1R0 = 1
K = ±10
6R3 = 6.3
E = Different Characteristic
2 = Lead form
100 = 10
M = ±20
010 = 10
R = Tape & Reel
4 = Lead crimp & cut (form)
101 = 100
100 = 100
S = Standard
102 = 1000
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length
Case vented on
diameters 6.3 and greater
L
S 0.5
15 Min.
D
5
PVC Sleeve
d 0.05
+
-
Outline Dimensions
(Millimeters)
Max ESR
Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
120
SXR121M6R3ST
2.43
154
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
150
SXR151M6R3ST
1.95
210
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SXR221M6R3ST
1.33
260
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
330
SXR331M6R3ST
0.88
350
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SXR471M6R3ST
0.62
510
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M6R3ST
0.43
635
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M6R3ST
0.36
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M6R3ST
0.29
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M6R3ST
0.24
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M6R3ST
0.20
1030
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M6R3ST
0.10
1280
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M6R3ST
0.08
1770
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
6800
SXR682M6R3ST
0.07
1810
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
8200
SXR822M6R3ST
0.06
2030
.630 (16.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SXR103M6R3ST
0.05
2320
.630 (16.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
15000
SXR153M6R3ST
0.04
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com