Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR331M016ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SXR331M016ST
Description  Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR331M016ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SXR331M016ST Datasheet HTML 1Page - Cornell Dubilier Electronics SXR331M016ST Datasheet HTML 2Page - Cornell Dubilier Electronics SXR331M016ST Datasheet HTML 3Page - Cornell Dubilier Electronics SXR331M016ST Datasheet HTML 4Page - Cornell Dubilier Electronics SXR331M016ST Datasheet HTML 5Page - Cornell Dubilier Electronics SXR331M016ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Max ESR
Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
35 Vdc (44 Volts Surge)
100
SXR101M035ST
1.59
400
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M035ST
1.33
510
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M035ST
1.06
550
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M035ST
0.72
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M035ST
0.48
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M035ST
0.34
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M035ST
0.23
1320
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M035ST
0.19
1400
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M035ST
0.16
1540
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M035ST
0.13
1770
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M035ST
0.12
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M035ST
0.08
2030
.630 (16.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
3300
SXR332M035ST
0.47
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
68
SXR680M050ST
1.95
400
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M050ST
1.33
635
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M050ST
1.11
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M050ST
0.88
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M050ST
0.60
1030
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M050ST
0.40
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M050ST
0.28
1320
.472(12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M050ST
0.20
1770
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M050ST
0.16
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M050ST
0.13
1810
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
1200
SXR122M050ST
0.11
2030
.630 (16.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
1500
SXR152M050ST
0.10
2320
.630 (16.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
47
SXR470M063ST
2.26
305
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
68
SXR680M063ST
1.56
500
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M063ST
1.06
550
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M063ST
0.88
620
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M063ST
0.71
795
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M063ST
0.48
890
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M063ST
0.32
1320
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M063ST
0.23
1450
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M063ST
0.16
1790
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
1000
SXR102M063ST
0.11
2200
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
1200
SXR122M063ST
0.09
2370
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (125 Volts Surge)
22
SXR220M100ST
4.22
305
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
33
SXR330M100ST
2.81
500
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
47
SXR470M100ST
1.98
600
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
68
SXR680M100ST
1.37
795
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M100ST
0.93
905
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M100ST
0.77
1040
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M100ST
0.62
1200
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M100ST
0.42
1440
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
330
SXR331M100ST
0.28
1790
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com