Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS2P4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS2P4
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P4 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS2P4 Datasheet HTML 1Page - Vishay Siliconix SS2P4 Datasheet HTML 2Page - Vishay Siliconix SS2P4 Datasheet HTML 3Page - Vishay Siliconix SS2P4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VISHAY
SS2P2, SS2P3 & SS2P4
Document Number 88910
02-Nov-04
Vishay Semiconductors
www.vishay.com
3
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise specified)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
0
2.4
80
90
100
110
120
130
140
150
Lead Temperature (°C)
1.6
2.0
0.4
0.8
1.2
TL measured
at the cathode band terminal
Number of Cycles at 50 Hz
1
10
100
10
20
30
0
40
50
0.1
0.3
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
0.1
10
1
100
TJ = 150
°C
TJ = 25
°C
TJ = 125
°C
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal impedance
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
0.1
1
10
100
1000
10
30
50
70
90
100000
10000
TJ = 25
°C
TJ = 125
°C
TJ = 150
°C
Reverse Voltage (V)
0.1
1
10
100
1
100
1000
0.01
1
10
100
1
10
100
t, Pulse Duration (sec.)
0.1
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com