Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301R331M040EM2 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 301R331M040EM2
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

301R331M040EM2 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 301R331M040EM2 Datasheet HTML 2Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 3Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 4Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 5Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 6Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 7Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 8Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 9Page - Cornell Dubilier Electronics 301R331M040EM2 Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Cap.
Catalog
(µF)
Part Number
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
120 Hz 20 kHz
120 Hz 20 kHz
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
16 Vdc (25 Vdc Surge)
15000 301R153U016HT2
15000 301153U016JP2
15000 301R153U016JP2
15.0
8.2
10.30
13.10
24.7
15.3
7.39
8.85
16.1
8.5
9.14
11.80
.895 x 3.65
1.02 x 2.65
1.02 x 2.65
18000 301183U016JS2
18000 301R183U016JS2
22000 301223U016JT2
20.5
12.7
8.80
10.50
16.6
8.8
9.79
12.70
17.9
11.1
10.10
12.10
1.02 x 3.15
1.02 x 3.15
1.02 x 3.65
22000 301R223U016JT2
11.4
6.0
12.70
16.50
1.02 x 3.65
20 Vdc (30 Vdc Surge)
330 301331U020EM2
470 301R471M020EG2
470 301471U020FK2
360.0
160.0
0.89
1.34
250.0
77.0
0.55
0.99
240.0
90.0
1.22
2.00
.51 x 1.10
.51 x .85
.65 x 1.04
560 301561U020ER2
680 301R681M020EM2
680 301681U020FF2
220.0
80.0
1.41
2.34
140.0
67.0
1.46
2.11
170.0
60.0
1.72
2.90
.51 x 1.73
.51 x 1.10
.65 x 1.32
1000 301R102M020EN2
1200 301122U020GE2
1200 301R122U020GE2
114.0
48.0
1.10
1.69
159.0
80.9
1.62
2.14
138.0
70.1
1.74
2.30
.51 x 1.38
.77 x 1.15
.77 x 1.15
1500 301R152M020ER2
1500 301152U020LV2
2200 301R222M020FQ2
85.0
33.0
2.23
3.58
90.0
50.0
2.42
3.25
77.0
32.0
2.55
3.96
.51 x 1.73
.73 x 1.63
.65 x 1.48
2200 301222U020HE2
2200 301R222U020HE2
2700 301272U020GJ2
110.0
61.5
2.14
2.70
95.2
53.3
2.30
2.90
80.4
41.0
2.51
3.32
.895 x 1.15
.895 x 1.15
.77 x 1.65
2700 301R272U020GJ2
2700 301272U020JE2
2700 301R272U020JE2
69.7
35.5
2.70
3.56
90.7
57.1
2.46
2.92
78.6
49.5
2.64
3.14
.77 x 1.65
1.02 x 1.15
1.02 x 1.15
3300 301R332M020LV2
3900 301392U020GL2
3900 301R392U020GL2
62.0
26.0
3.19
4.92
54.5
27.8
3.82
5.05
47.2
24.1
4.11
5.42
.73 x 1.63
.77 x 2.15
.77 x 2.15
3900 301392U020HJ2
3900 301R392U020HJ2
4700 301472U020GP2
56.0
31.4
3.55
4.47
48.5
27.2
3.81
4.80
41.7
21.3
4.87
6.43
.895 x 1.65
.895 x 1.65
.77 x 2.65
4700 301R472U020GP2
5600 301562U020JJ2
5600 301R562U020JJ2
36.1
18.4
5.23
6.90
46.4
29.2
4.23
5.02
40.2
21.3
4.54
5.88
.77 x 2.65
1.02 x 1.65
1.02 x 1.65
6800 301682U020GS2
6800 301R682U020GS2
6800 301682U020HL2
34.1
17.4
5.87
7.75
29.6
15.1
6.31
8.33
38.2
21.4
4.97
6.26
.77 x 3.15
.77 x 3.15
.895 x 2.15
6800 301R682U020HL2
8200 301822U020GT2
8200 301R822U020GT2
28.3
15.8
5.78
7.28
29.2
14.9
6.77
8.94
25.3
12.9
7.27
9.60
.895 x 2.15
.77 x 3.65
.77 x 3.65
8200 301822U020HP2
8200 301R822U020HP2
29.5
16.5
6.30
7.93
21.6
12.1
7.36
9.28
.895 x 2.65
.895 x 2.65
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
Cap.
Catalog
120 Hz 20 kHz 120 Hz 20 kHz
(µF)
Part Number
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
8200 301822U020JL2
31.8
20.1
5.86
6.96
8200 301R822U020JL2
21.0
11.1
7.21
9.33
10000 301103U020HS2
24.4
13.7
7.55
9.52
1.02 x 2.15
1.02 x 2.15
.895 x 3.15
10000 301R103U020HS2
17.6
9.8
8.89
11.20
12000 301123U020HT2
21.1
11.8
8.69
10.90
12000 301R123U020HT2
15.0
8.4
10.30
13.00
.895 x 3.15
.895 x 3.65
.895 x 3.65
12000 301123U020JP2
24.7
15.6
7.39
8.77
12000 301R123U020JP2
16.1
8.5
9.14
11.80
15000 301153U020JS2
20.5
12.9
8.80
10.50
1.02 x 2.65
1.02 x 2.65
1.02 x 3.15
15000 301R153U020JS2
13.2
7.0
11.00
14.20
18000 301183U020JT2
17.9
11.2
10.10
12.00
18000 301R183U020JT2
11.4
6.0
12.70
16.50
1.02 x 3.15
1.02 x 3.65
1.02 x 3.65
25 Vdc (35 Vdc Surge)
330 301331U025EN2
290.0 120.0
1.13
1.75
390 301R391M025EG2
267.0
92.0
0.89
1.52
470 301471U025ER2
220.0
80.0
1.42
2.35
.51 x 1.38
.51 x .85
.51 x 1.73
560 301R561M025EK2
193.0
75.0
1.12
1.79
680 301R681M025EM2
160.0
67.0
1.40
2.17
680 301681U025FQ2
190.0
75.0
1.53
2.44
.51 x 1.04
.51 x 1.10
.65 x 1.48
1000 301R102M025EN2
152.0
56.0
1.62
2.67
1000 301102U025GE2
170.0
81.8
1.57
2.13
1000 301R102U025GE2
148.0
70.9
1.68
2.29
.51 x 1.38
.77 x 1.15
.77 x 1.15
1200 301R122M025ER2
90.0
34.0
2.20
3.58
1200 301R122M025FK2
132.0
45.0
1.71
2.93
1200 301122U025LV2
100.0
50.0
2.26
3.20
.51 x 1.73
.65 x 1.04
.73 x 1.63
1500 301R152M025FF2
95.0
39.0
2.20
3.44
1800 301R182M025FQ2
75.0
32.0
2.59
3.97
1800 301182U025HE2
117.0
62.1
2.07
2.68
.65 x 1.32
.65 x 1.48
.895 x 1.15
1800 301R182U025HE2
102.0
47.7
2.23
3.06
2200 301R222M025FV2
73.0
31.0
2.69
4.13
2200 301R222M025LQ2
70.0
30.0
2.84
4.34
.895 x 1.15
.65 x 1.65
.73 x 1.48
2200 301222U025GJ2
86.3
41.4
2.42
3.30
2200 301R222U025GJ2
74.8
35.9
2.60
3.54
2700 301R272M025LV2
62.0
26.0
3.22
4.97
.77 x 1.65
.77 x 1.65
.73 x 1.63
2700 301272U025JE2
95.8
57.5
2.39
2.91
2700 301R272U025JE2
83.0
41.5
2.57
3.42
3300 301332U025GL2
58.4
28.1
3.69
5.02
1.02 x 1.15
1.02 x 1.15
.77 x 2.15
3300 301R332U025GL2
50.6
24.3
3.97
5.40
3300 301332U025HJ2
59.7
31.6
3.44
4.45
3300 301R332U025HJ2
51.7
24.3
3.69
5.07
.77 x 2.15
.895 x 1.65
.895 x 1.65
4700 301472U025GP2
44.7
21.4
4.71
6.40
4700 301R472U025GP2
38.7
18.6
5.05
6.88
4700 301472U025JJ2
48.9
29.4
4.12
5.01
.77 x 2.65
.77 x 2.65
1.02 x 1.65
4700 301R472U025JJ2
42.4
21.2
4.42
5.90
1.02 x 1.65
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com